Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1006-BD-000V Datasheet(PDF) 2 Page - Mimix Broadband

Part # XB1006-BD-000V
Description  18.0-38.0 GHz GaAs MMIC Buffer Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1006-BD-000V Datasheet(HTML) 2 Page - Mimix Broadband

  XB1006-BD-000V Datasheet HTML 1Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 2Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 3Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 4Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 5Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 6Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 7Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 8Page - Mimix Broadband XB1006-BD-000V Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 2 of 11
Buffer Amplifier Measurements
XB1006-BD Vd1,2=3.5 V Id1=25 mA, Id2=25 mA
~190 Devices
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1006-BD Vd1,2=3.5 V Id1=25 mA, Id2=25 mA
~190 Devices
-80
-70
-60
-50
-40
-30
-20
-10
0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1006-BD Vd1,2=3.5 V Id1=25 mA, Id2=25 mA
~190 Devices
-35
-30
-25
-20
-15
-10
-5
0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1006-BD Vd1,2=3.5 V Id1=25 mA, Id2=25 mA
~190 Devices
-30
-25
-20
-15
-10
-5
0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1006-BD Vd1,2=3.5 V Id1=25 mA, Id2=25 mA
~200 Devices
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1006-BD Vd1,2=3.5 V Id1=25 mA, Id2=25 mA
~210 Devices
6
7
8
9
10
11
12
13
14
15
16
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1006-BD Vd1,2=3.5 V Id1=25 mA, Id2=25 mA
~30 Devices
8
9
10
11
12
13
14
15
16
17
18
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
Frequency (GHz)
Max
Median
Mean
-3sigma
18.0-38.0 GHz GaAs MMIC
Buffer Amplifier
B1006-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 25-Feb-08


Similar Part No. - XB1006-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1006 MIMIX-XB1006 Datasheet
957Kb / 14P
   18.0-38.0 GHz GaAs MMIC Buffer Amplifier
More results

Similar Description - XB1006-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1006 MIMIX-XB1006 Datasheet
957Kb / 14P
   18.0-38.0 GHz GaAs MMIC Buffer Amplifier
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
XL1010-QT MIMIX-XL1010-QT_10 Datasheet
666Kb / 5P
   20.0-38.0 GHz GaAs MMIC
XL1010-BD MIMIX-XL1010-BD_08 Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC
XL1010-BD MIMIX-XL1010-BD Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC Low Noise Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
CMM0618-BD MIMIX-CMM0618-BD_07 Datasheet
154Kb / 5P
   6.0-18.0 GHz GaAs MMIC Power Amplifier
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
XM1004-BD MIMIX-XM1004-BD Datasheet
150Kb / 5P
   20.0-38.0 GHz GaAs MMIC Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com