Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1008-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part # XB1008-BD
Description  10.0-21.0 GHz GaAs MMIC Buffer Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1008-BD Datasheet(HTML) 4 Page - Mimix Broadband

  XB1008-BD Datasheet HTML 1Page - Mimix Broadband XB1008-BD Datasheet HTML 2Page - Mimix Broadband XB1008-BD Datasheet HTML 3Page - Mimix Broadband XB1008-BD Datasheet HTML 4Page - Mimix Broadband XB1008-BD Datasheet HTML 5Page - Mimix Broadband XB1008-BD Datasheet HTML 6Page - Mimix Broadband XB1008-BD Datasheet HTML 7Page - Mimix Broadband XB1008-BD Datasheet HTML 8Page - Mimix Broadband XB1008-BD Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Buffer Amplifier Measurements (cont.)
Page 4 of 9
10.0-21.0 GHz GaAs MMIC
Buffer Amplifier
B1008-BD
XB1008-BD Vd=5.0 V, Id=130 mA, Vg2=Open
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 22.0 23.0
Frequency (GHz)
+95 Deg C
-30 Deg C
+25 Deg C
XB1008-BD Vd=5.0 V, Id=130 mA, Vg2=Open
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 22.0 23.0
Frequency (GHz)
+95 Deg C
-30 Deg C
+25 Deg C
XB1008-BD Vd=5.0 V, Id=130 mA, Vg2=Open
-25
-20
-15
-10
-5
0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 22.0 23.0
Frequency (GHz)
+95 Dec C
-30 Deg C
+25 Deg C
*Includes fixture losses
XB1008-BD Vd=5.0 V, Id=130 mA, Vg2=Open
-30
-25
-20
-15
-10
-5
0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 22.0 23.0
Frequency (GHz)
+95 Deg C
-30 Deg C
+25 Deg C
*Includes fixture losses
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2007 - Rev 17-Sep-07


Similar Part No. - XB1008-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1008-BD MIMIX-XB1008-BD Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
XB1008-BD MIMIX-XB1008-BD Datasheet
1Mb / 5P
   10.0-21.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
   Buffer Amplifier
logo
Mimix Broadband
XB1008-BD-000V MIMIX-XB1008-BD-000V Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
XB1008-BD-EV1 MIMIX-XB1008-BD-EV1 Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
More results

Similar Description - XB1008-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1008-BD MIMIX-XB1008-BD Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
XB1008-QT MIMIX-XB1008-QT Datasheet
694Kb / 6P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN
XB1008-QT MIMIX-XB1008-QT_10 Datasheet
697Kb / 6P
   10.0-21.0 GHz GaAs MMIC
XB1008-BD MIMIX-XB1008-BD_10 Datasheet
1Mb / 5P
   10.0-21.0 GHz GaAs MMIC
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
   21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
   17.0-21.0 GHz GaAs MMIC Power Amplifier
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com