Electronic Components Datasheet Search |
|
XB1008-QT-0G00 Datasheet(PDF) 1 Page - Mimix Broadband |
|
XB1008-QT-0G00 Datasheet(HTML) 1 Page - Mimix Broadband |
1 / 6 page 10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN Excellent Transmit LO/Output Buffer Stage 3x3mm, QFN 17.0 dB Small Signal Gain +20.0 dBm Psat +32 dBm Output IP3 4.5 dB Noise Figure Variable Gain with Adjustable Bias 100% RF, DC and Output Power Testing Features Absolute Maximum Ratings Supply Voltage (Vd) Supply Current (Id1) Gate Bias Voltage (Vg) Input Power (Pin) Storage Temperature (Tstg) Operating Temperature (Ta) Channel Temperature (Tch) +6.0 VDC 180 mA +0.3 VDC +20.0 dBm -65 to +165 OC -55 to MTTF Graph1 MTTF Graph1 Page 1 of 6 (1) Channel temperature affects a device's MTTF. It is recommended to keep channel temperature as low as possible for maximum life. Electrical Characteristics (AmbientTemperatureT = 25 oC) Parameter Frequency Range (f ) Input Return Loss (S11) Output Return Loss (S22) Small Signal Gain (S21) Gain Flatness ( S21) Reverse Isolation (S12) Noise Figure Output Power for 1dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept Drain Bias Voltage (Vd) Gate Bias Voltage (Vg) Supply Current (Id) (Vd=4.0V, Vg2=-0.5V Typical) Units GHz dB dB dB dB dB dB dBm dBm dBm VDC VDC mA Min. 10.0 - - - - - - - - - - -1.0 - Typ. - 12.0 12.0 17.0 +/-2.0 65.0 4.5 +19.0 +20.0 +32.0 +4.0 -0.1 90 Max. 21.0 - - - - - - - - - +5.5 0.0 - Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com Characteristic Data and Specifications are subject to change without notice. ©2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. B1008-QT Mimix Broadband’s two stage 10.0-21.0 GHz GaAs MMIC buffer amplifier has a small signal gain of 17.0 dB with a +19.0 dBm P1dB output compression point. The device also provides variable gain regulation with adjustable bias. The device is ideally suited as an LO or RF buffer stage with broadband performance at a very low cost. The device comes in an RoHS compliant 3x3mm QFN surface mount package offering excellent RF and thermal properties. This device is well suited for Microwave and Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications. General Description September 2007 - Rev 12-Sep-07 |
Similar Part No. - XB1008-QT-0G00 |
|
Similar Description - XB1008-QT-0G00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |