Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1008-QT-0G00 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XB1008-QT-0G00
Description  10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1008-QT-0G00 Datasheet(HTML) 3 Page - Mimix Broadband

  XB1008-QT-0G00 Datasheet HTML 1Page - Mimix Broadband XB1008-QT-0G00 Datasheet HTML 2Page - Mimix Broadband XB1008-QT-0G00 Datasheet HTML 3Page - Mimix Broadband XB1008-QT-0G00 Datasheet HTML 4Page - Mimix Broadband XB1008-QT-0G00 Datasheet HTML 5Page - Mimix Broadband XB1008-QT-0G00 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Buffer Amplifier Measurements (cont.)
Page 3 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
B1008-QT
10.0-21.0 GHz GaAs MMIC
Buffer Amplifier, QFN
September 2007 - Rev 12-Sep-07
XB1008-QT: Power out vs Frequency. Vd = 4V and Id = 100mA
0
2
4
6
8
10
12
14
16
18
20
22
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Freq (GHz)
Pin = -10 dBm
Pin = -8 dBm
Pin = -6 dBm
Pin = -4 dBm
Pin = -2 dBm
Pin = 0 dBm
Pin = 2 dBm
Pin = 4 dBm
Pin = 6 dBm
Pin = 8 dBm
Pin = 10 dBm


Similar Part No. - XB1008-QT-0G00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XB1008-QT-0G0T MA-COM-XB1008-QT-0G0T Datasheet
668Kb / 6P
   Buffer Amplifier
More results

Similar Description - XB1008-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1008-BD MIMIX-XB1008-BD_07 Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
XB1008-BD MIMIX-XB1008-BD Datasheet
236Kb / 9P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier
XB1008-QT MIMIX-XB1008-QT_10 Datasheet
697Kb / 6P
   10.0-21.0 GHz GaAs MMIC
XB1008-BD MIMIX-XB1008-BD_10 Datasheet
1Mb / 5P
   10.0-21.0 GHz GaAs MMIC
XD1004-QT MIMIX-XD1004-QT Datasheet
190Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1005-QT MIMIX-XD1005-QT Datasheet
197Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XB1007-QT MIMIX-XB1007-QT Datasheet
972Kb / 6P
   4.0-11.0 GHz GaAs MMIC Buffer Amplifier, QFN
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
   21.0-24.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com