Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL1004-BD-000W Datasheet(PDF) 3 Page - Mimix Broadband

Part # XL1004-BD-000W
Description  35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1004-BD-000W Datasheet(HTML) 3 Page - Mimix Broadband

  XL1004-BD-000W Datasheet HTML 1Page - Mimix Broadband XL1004-BD-000W Datasheet HTML 2Page - Mimix Broadband XL1004-BD-000W Datasheet HTML 3Page - Mimix Broadband XL1004-BD-000W Datasheet HTML 4Page - Mimix Broadband XL1004-BD-000W Datasheet HTML 5Page - Mimix Broadband XL1004-BD-000W Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S-Parameters
Page 3 of 6
35.0-45.0 GHz GaAs MMIC
Low Noise Amplifier
Measured Perfor mance Characteristics (Typical Perfor mance at 25°C)
Vd = 4.0 V, Id = 87 mA
Freq GHz
S11 Mag
S11 Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
20.00
0.27
13.18
0.79
144.02
0.00
152.61
0.44
87.73
21.00
0.22
1.85
1.29
119.49
0.00
-79.92
0.38
76.54
22.00
0.18
-10.15
1.88
90.50
0.00
74.69
0.30
65.76
23.00
0.15
-24.71
2.50
60.05
0.00
53.19
0.24
56.91
24.00
0.12
-41.16
3.06
30.05
0.00
-121.34
0.18
51.76
25.00
0.10
-59.48
3.58
1.22
0.00
-161.44
0.13
51.95
26.00
0.10
-80.95
4.01
-26.35
0.00
85.45
0.09
59.91
27.00
0.11
-101.16
4.46
-52.01
0.00
133.24
0.07
81.02
28.00
0.14
-117.51
4.98
-77.07
0.00
30.25
0.07
96.40
29.00
0.17
-134.20
5.50
-101.80
0.01
78.68
0.08
104.68
30.00
0.22
-153.32
6.11
-127.11
0.00
80.75
0.09
108.29
31.00
0.28
-171.06
6.76
-152.08
0.01
59.04
0.09
103.52
32.00
0.33
168.73
7.50
-177.94
0.01
81.24
0.09
108.57
33.00
0.37
143.19
8.34
155.30
0.00
-155.79
0.09
108.74
34.00
0.37
118.52
9.14
126.02
0.00
56.29
0.08
122.44
35.00
0.32
87.44
9.57
94.76
0.01
-37.27
0.10
117.37
36.00
0.19
68.27
9.34
62.41
0.01
-8.36
0.09
120.09
37.00
0.11
80.75
8.56
32.90
0.01
30.35
0.10
131.83
38.00
0.10
111.35
7.74
5.96
0.01
-86.95
0.11
127.63
39.00
0.15
111.84
6.82
-18.97
0.00
129.62
0.13
128.29
40.00
0.16
99.58
6.16
-41.88
0.01
160.76
0.14
130.21
41.00
0.14
92.60
5.59
-64.36
0.01
-33.24
0.11
128.30
42.00
0.14
90.18
5.09
-85.91
0.01
143.01
0.11
123.97
43.00
0.11
88.15
4.58
-106.14
0.01
-35.79
0.12
130.62
44.00
0.10
90.61
4.43
-127.87
0.01
-19.68
0.11
146.09
45.00
0.10
85.68
4.15
-149.06
0.02
96.05
0.12
132.15
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 21-Apr-07
L1004-BD


Similar Part No. - XL1004-BD-000W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - XL1004-BD-000W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
   35.0-45.0 GHz GaAs MMIC Power Amplifier
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
   35.0-45.0 GHz GaAs MMIC Buffer Amplifier
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
XB1005-BD MIMIX-XB1005-BD Datasheet
737Kb / 12P
   35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XL1001 MIMIX-XL1001 Datasheet
428Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XL1001-BD MIMIX-XL1001-BD Datasheet
338Kb / 8P
   17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
   27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com