Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL1010-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XL1010-QT
Description  20.0-38.0 GHz GaAs MMIC Low Noise Amplifier, 3x3mm QFN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1010-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XL1010-QT Datasheet HTML 1Page - Mimix Broadband XL1010-QT Datasheet HTML 2Page - Mimix Broadband XL1010-QT Datasheet HTML 3Page - Mimix Broadband XL1010-QT Datasheet HTML 4Page - Mimix Broadband XL1010-QT Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise Amplifier Measurements
Page 2 of 5
20.0-38.0 GHz GaAs MMIC
Low Noise Amplifier, 3x3mm QFN
L1010-QT
XL1010-QT: Input Return Loss vs. Freq (GHz)
-30
-25
-20
-15
-10
-5
0
10
15
20
25
30
35
40
Freq (GHz)
, Vdd=3
, Vdd=4
, Vdd=5
XL1010-QT: Small Signal Gain vs. Freq (GHz)
0
5
10
15
20
25
10
15
20
25
30
35
40
Freq (GHz)
, Vdd=3
, Vdd=4
, Vdd=5
XL1010-QT: Reverse Isolation vs. Freq (GHz)
-60
-50
-40
-30
-20
-10
0
10
15
20
25
30
35
40
Freq (GHz)
, Vdd=3
, Vdd=4
, Vdd=5
XL1010-QT: Output Return Loss vs. Freq (GHz)
-30
-25
-20
-15
-10
-5
0
10
15
20
25
30
35
40
Freq (GHz)
, Vdd=3
, Vdd=4
, Vdd=5
XL1010-QT: Noise Figure (dB) vs. Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
18
20
22
24
26
28
30
32
34
36
38
40
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 21-Feb-08


Similar Part No. - XL1010-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1010-QT MIMIX-XL1010-QT Datasheet
666Kb / 5P
   20.0-38.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XL1010-QT MA-COM-XL1010-QT Datasheet
384Kb / 5P
   Low Noise Amplifier
logo
Mimix Broadband
XL1010-QT MIMIX-XL1010-QT_10 Datasheet
666Kb / 5P
   20.0-38.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XL1010-QT MA-COM-XL1010-QT_15 Datasheet
384Kb / 5P
   Low Noise Amplifier
More results

Similar Description - XL1010-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1010-BD MIMIX-XL1010-BD Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC Low Noise Amplifier
XL1010-QT MIMIX-XL1010-QT_10 Datasheet
666Kb / 5P
   20.0-38.0 GHz GaAs MMIC
XL1010-BD MIMIX-XL1010-BD_08 Datasheet
1Mb / 1P
   20.0-38.0 GHz GaAs MMIC
XM1004-BD MIMIX-XM1004-BD Datasheet
150Kb / 5P
   20.0-38.0 GHz GaAs MMIC Balanced Mixer
26BAM0545 MIMIX-26BAM0545 Datasheet
108Kb / 5P
   20.0-38.0 GHz GaAs MMIC Balanced Mixer
XL1005 MIMIX-XL1005 Datasheet
153Kb / 6P
   5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
XL1000-BD MIMIX-XL1000-BD Datasheet
268Kb / 7P
   20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1005-BD MIMIX-XL1005-BD Datasheet
153Kb / 6P
   5.0-20.0 GHz GaAs MMIC Low Noise Amplifier
XL1000 MIMIX-XL1000 Datasheet
953Kb / 7P
   20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1002 MIMIX-XL1002 Datasheet
852Kb / 8P
   20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com