Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XU1001-BD-000V Datasheet(PDF) 1 Page - Mimix Broadband

Part # XU1001-BD-000V
Description  33.0-40.0 GHz GaAs MMIC Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1001-BD-000V Datasheet(HTML) 1 Page - Mimix Broadband

  XU1001-BD-000V Datasheet HTML 1Page - Mimix Broadband XU1001-BD-000V Datasheet HTML 2Page - Mimix Broadband XU1001-BD-000V Datasheet HTML 3Page - Mimix Broadband XU1001-BD-000V Datasheet HTML 4Page - Mimix Broadband XU1001-BD-000V Datasheet HTML 5Page - Mimix Broadband XU1001-BD-000V Datasheet HTML 6Page - Mimix Broadband XU1001-BD-000V Datasheet HTML 7Page - Mimix Broadband XU1001-BD-000V Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
U1001
Mimix Broadband’s 33.0-40.0 GHz GaAs MMIC transmitter has
a small signal conversion gain of 8.0 dB with a 30.0 dB LO/RF
isolation. The device has a pair of sub-harmonic mixers
configured to form an image reject mixer which requires an
LO at 15.5-21.5 GHz. This is followed by a two stage LNA. The
image reject mixer reduces the need for unwanted sideband
filtering before the power amplifier. The use of the
sub-harmonic mixer makes the provision of the LO easier than
for fundamental mixers at these frequencies. I and Q mixer
inputs are provided and an external 90 degree hybrid is
required to select the desired sideband. This MMIC uses Mimix
Broadband’s 0.15 µm GaAs PHEMT device model technology,
and is based upon electron beam lithography to ensure high
repeatability and uniformity. The chip has surface passivation
to protect and provide a rugged part with backside via holes
and gold metallization to allow either a conductive epoxy or
eutectic solder die attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and
VSAT applications.
33.0-40.0 GHz GaAs MMIC
Transmitter
Sub-Harmonic Transmitter
Low DC Power Consumption
Optional Power Bias
8.0 dB Conversion Gain
30 dB LO/RF Isolation
100% On-Wafer RF and DC Testing
100% Visual Inspection to MIL-STD-883 Method 2010
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (IF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
70 mA
+0.3 VDC
+10 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(1) Optional power bias Vd=5.5V, Id=60mA will typically yield improved P1dB.
(2) Measured using constant current.
(3) Min/Max limits over 33.0-39.5 GHz.
Frequency Range (RF) Upper Side Band
Frequency Range (RF) Lower Side Band
Frequency Range (LO)
Frequency Range (IF)
Output Return Loss RF (S22)
Small Signal Conversion Gain IF/RF (S21) (USB/LSB)
LO Input Drive (PLO)
Image Rejection (USB/LSB)
Isolation LO/RF @ LOX2
Input Power for 1 dB Compression (P1dB)
Drain Bias Voltage (Vd)
Gate Bias Voltage (Vg)
Supply Current (Id) (Vd=3.0V, Vg=-0.5V Typical)
Parameter
Units
GHz
GHz
GHz
GHz
dB
dB
dBm
dBc
dB
dBm
VDC
VDC
mA
Min.
34.0
33.0
15.5
DC
-
3.0/3.0
-
8.0/5.0
-
-
-
-1.0
-
Typ.
-
-
-
-
12.0
8.0/8.0
+12.0
12.0/12.0
30.0
+3.0
+3.0
-0.5
30
Max.
40.0
40.0
21.5
3.0
-
-
-
-
-
-
+5.5
0.0
60
(4) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
4
1,2
Page 1 of 8
4
3
3
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 19-Apr-07
U1001-BD


Similar Part No. - XU1001-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1001 MIMIX-XU1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Transmitter
More results

Similar Description - XU1001-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1001 MIMIX-XU1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Transmitter
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
XP1027-BD MIMIX-XP1027-BD Datasheet
236Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
30SPA0536 MIMIX-30SPA0536 Datasheet
295Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com