Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XU1002-BD-EV1 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XU1002-BD-EV1
Description  18.0-25.0 GHz GaAs MMIC Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1002-BD-EV1 Datasheet(HTML) 5 Page - Mimix Broadband

  XU1002-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XU1002-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XU1002-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XU1002-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XU1002-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XU1002-BD-EV1 Datasheet HTML 6Page - Mimix Broadband XU1002-BD-EV1 Datasheet HTML 7Page - Mimix Broadband XU1002-BD-EV1 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
18.0-25.0 GHz GaAs MMIC
Transmitter
MTTFTables (TBD)
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd1=3.5V, Vd2=4.0V, Id1=230 mA, Id2=116 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vd1 and Vd2 with Vd1=3.5V,
Id1=230mA and Vd2=4.0V, Id2=116mA. It is also recommended to use active biasing to keep the currents constant as the RF power and
temperature vary; this gives the most reproducible results. Depending on the supply voltage available and the power dissipation constraints,
the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used
to sense the current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage
needed to do this is -0.3V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the
applied voltage to ensure negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement - Each DC pad (Vd1,2 and Vg1,2) needs to have DC bypass capacitance (~100-200 pF) as close to the
device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
Typical Application
Mimix Broadband MMIC-based 18.0-25.0 GHz Transmitter Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 25.0 GHz)
IF IN
17.7-19.7 GHz
XB1004-BD
XP1013-BD
XU1002-BD
Sideband
Reject
RF Out
17.7-19.7 GHz
LO(+2.0dBm)
7.85-8.85 GHz (USB Operation)
9.85-10.85 GHz (LSB Operation)
Mimix Broadband's 18.0-25.0 GHz XU1002-BD GaAs MMIC Transmitter can be used in saturated radio applications and linear modulation
schemes up to 16 QAM. The transmitter can be used in upper and lower sideband applications from 18.0-25.0 GHz.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 20-Aug-07
U1002-BD


Similar Part No. - XU1002-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1002-QD MIMIX-XU1002-QD Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD MIMIX-XU1002-QD Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD-0N00 MIMIX-XU1002-QD-0N00 Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD-0N00 MIMIX-XU1002-QD-0N00 Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD-0N0T MIMIX-XU1002-QD-0N0T Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
More results

Similar Description - XU1002-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1002 MIMIX-XU1002 Datasheet
375Kb / 8P
   18.0-25.0 GHz GaAs MMIC Transmitter
XR1006-BD MIMIX-XR1006-BD Datasheet
208Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
XR1006 MIMIX-XR1006 Datasheet
352Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
XU1005-BD MIMIX-XU1005-BD Datasheet
363Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
XU1009-BD_0707 MIMIX-XU1009-BD_0707 Datasheet
282Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
14TX0614 MIMIX-14TX0614 Datasheet
174Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com