Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XU1001-BD-000W Datasheet(PDF) 6 Page - Mimix Broadband

Part # XU1001-BD-000W
Description  33.0-40.0 GHz GaAs MMIC Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1001-BD-000W Datasheet(HTML) 6 Page - Mimix Broadband

  XU1001-BD-000W Datasheet HTML 1Page - Mimix Broadband XU1001-BD-000W Datasheet HTML 2Page - Mimix Broadband XU1001-BD-000W Datasheet HTML 3Page - Mimix Broadband XU1001-BD-000W Datasheet HTML 4Page - Mimix Broadband XU1001-BD-000W Datasheet HTML 5Page - Mimix Broadband XU1001-BD-000W Datasheet HTML 6Page - Mimix Broadband XU1001-BD-000W Datasheet HTML 7Page - Mimix Broadband XU1001-BD-000W Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6 of 8
33.0-40.0 GHz GaAs MMIC
Transmitter
App Note [3] USB/LSB Selection
-
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
For Lower Side Band operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band operation (USB):
-90o
In Phase Combiner
USB
In Phase Combiner
LSB
-90o
IF2
IF1
IF2
IF1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 19-Apr-07
U1001-BD


Similar Part No. - XU1001-BD-000W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1001 MIMIX-XU1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Transmitter
More results

Similar Description - XU1001-BD-000W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1001 MIMIX-XU1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Transmitter
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
XL1000-BD MIMIX-XL1000-BD_10 Datasheet
1Mb / 7P
   20.0-40.0 GHz GaAs MMIC
XP1027-BD MIMIX-XP1027-BD Datasheet
236Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
30SPA0536 MIMIX-30SPA0536 Datasheet
295Kb / 5P
   27.0-33.0 GHz GaAs MMIC Power Amplifier
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
   36.0-40.0 GHz GaAs MMIC Power Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com