Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS1000-BD-000V Datasheet(PDF) 1 Page - Mimix Broadband

Part # XS1000-BD-000V
Description  7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XS1000-BD-000V Datasheet(HTML) 1 Page - Mimix Broadband

  XS1000-BD-000V Datasheet HTML 1Page - Mimix Broadband XS1000-BD-000V Datasheet HTML 2Page - Mimix Broadband XS1000-BD-000V Datasheet HTML 3Page - Mimix Broadband XS1000-BD-000V Datasheet HTML 4Page - Mimix Broadband XS1000-BD-000V Datasheet HTML 5Page - Mimix Broadband XS1000-BD-000V Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
7.0-13.0 GHz GaAs MMIC
6-Bit Phase Shifter
Page 1 of 6
S1000-BD
Mimix Broadband’s 7.0 – 13.0 GHz phase shifter is
digitally controlled with 6-Bit operation and a LSB of
5.625°. The device uses a single supply voltage of
-7.5V and digital control voltage of 0 – 3.3V. This
MMIC uses Mimix Broadband’s 0.5um GaAs PHEMT
device technology, and is based upon optical gate
lithography to ensure high repeatability and
uniformity. The chip has surface passivation to
protect and provide a rugged part with backside via
holes and gold metallization to allow either a
conductive epoxy or eutectic solder die attach
process. The device is well suited for radar
applications.
Frequency Range (f )
Insertion Loss @ 10 GHz (S21), Reference Level
Input Return Loss (S11), All States
Output Return Loss (S22), All States
Peak to Peak Gain Variation ( G)
RMS Phase Error
RMS Attentuation Error
Input 1-dB Compression Point (IP1dB)
Switching Speed
Vcontrol High
Vcontrol Low
Vss
Iss
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Features
6 Bit Phase Shifter
Digital Control (0 – 3.3 V)
LSB = 5.625 °
25 dBm P1dB Input Compression
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Parameter
Units
GHz
dB
dB
dB
dB
deg
dB
dBm
ns
VDC
VDC
VDC
mA
Min.
7.0
-
-
-
-
-
-
-
-
3.3
0.0
-
-
Typ.
-
6.2
15.0
15.0
<3.0
2.5-9.00
<0.9
25
-
-
-
-7.5
10
Max.
13.0
-
-
-
-
-
-
-
45
5.0
0.8
-
-
Absolute Maximum Ratings
Supply Voltage (Vss)
Supply Current (Iss)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
-10.0 VDC
10.0 mA
30.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(3) Channel temperature affects a device's MTBF. It is
recommended to keep channel temperature as low as
possible for maximum life.
3
3
General Description
August 2007 - Rev 21-Aug-07


Similar Part No. - XS1000-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XS1000-BD-000V MIMIX-XS1000-BD-000V Datasheet
504Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
More results

Similar Description - XS1000-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XS1000 MIMIX-XS1000 Datasheet
502Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
XS1000_0610 MIMIX-XS1000_0610 Datasheet
504Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Hittite Microwave Corpo...
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com