Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS1000-BD-EV1 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XS1000-BD-EV1
Description  7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XS1000-BD-EV1 Datasheet(HTML) 3 Page - Mimix Broadband

  XS1000-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XS1000-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XS1000-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XS1000-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XS1000-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XS1000-BD-EV1 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
7.0-13.0 GHz GaAs MMIC
6-Bit Phase Shifter
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
S1000-BD
Measurements (cont.)
Attenuation Error
0
0.5
1
1.5
2
2.5
3
7
8
9
10111213
Frequency [GHz]
RMS
Max
Insertion Loss vs Temp - Reference State
0
1
2
3
4
5
6
7
8
9
10
7
8
9
10111213
Frequency [GHz]
T=25
T=60
T=95
RMS Attenuation Error vs Temp
0
0.5
1
1.5
2
2.5
3
7
8
9
10111213
Frequency [GHz]
T=25°C
T=60°C
T=95°C
RMS Phase Error vs Temp
0
2
4
6
8
10
12
14
16
18
20
7
8
9
10111213
Frequency [GHz]
T=25°C
T=60°C
T=95°C
Relative Loss vs Input Power @ 10 GHz - Major States
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
101214
16
18202224
26
Pin [dBm]
Relative Phase vs Input Power @ 10 GHz - Major States
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Pin [dBm]
August 2007 - Rev 21-Aug-07


Similar Part No. - XS1000-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XS1000-BD-EV1 MIMIX-XS1000-BD-EV1 Datasheet
504Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
More results

Similar Description - XS1000-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XS1000 MIMIX-XS1000 Datasheet
502Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
XS1000_0610 MIMIX-XS1000_0610 Datasheet
504Kb / 6P
   7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Hittite Microwave Corpo...
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com