Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1008-QB-EV1 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XR1008-QB-EV1
Description  35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1008-QB-EV1 Datasheet(HTML) 1 Page - Mimix Broadband

  XR1008-QB-EV1 Datasheet HTML 1Page - Mimix Broadband XR1008-QB-EV1 Datasheet HTML 2Page - Mimix Broadband XR1008-QB-EV1 Datasheet HTML 3Page - Mimix Broadband XR1008-QB-EV1 Datasheet HTML 4Page - Mimix Broadband XR1008-QB-EV1 Datasheet HTML 5Page - Mimix Broadband XR1008-QB-EV1 Datasheet HTML 6Page - Mimix Broadband XR1008-QB-EV1 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 24-Jan-08
35.0-45.0 GHz GaAs Receiver
SMT, 7x7 mm
Page 1 of 7
R1008-QB
Mimix Broadband’s 35.0-45.0 GHz packaged receiver has a
noise figure of 3.5 dB and 5.0 dBm Input Third Order
Intercept across the band. This device integrates a three
stage LNA followed by an image reject resistive pHEMT
mixer and includes an integrated LO doubler and buffer
amplifier. The use of integrated LO doubler and LO buffer
amplifier makes the provision of the LO easier than for
fundamental mixers at these frequencies. I and Q mixer
outputs are provided and an external 90 degree hybrid is
required to select the desired sideband. The device comes
in a 7x7mm SMT package that is RoHS compliant. This
device is well suited for Millimeter-wave Point-to-Point
Radio, LMDS, SATCOM and VSAT applications.
Sub-harmonic, Image Reject Receiver
Integrated LNA, Image Reject Mixer, LO Doubler/Buffer
+2.0 dBm LO Drive Level
8.0 dB Conversion Gain
3.5 dB NF
+5.0 dBm Input Third Order Intercept (IIP3)
7x7mm SMT package
100% RF and DC Testing
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25o C)
Units
GHz
GHz
GHz
dB
dB
dBm
dBc
dB
dB
dBm
dBm
VDC
VDC
mA
Min.
35.0
16.0
DC
-
-
-
-
-
-
-
-
-
-1.2
-
Typ.
-
-
-
10.0
8.0
+2.0
20.0
3.5
40.0/40.0
+5.0
-5.0
+4.0
-0.5
180
Max.
45.0
24.0
4.0
-
-
-
-
-
-
-
-
+5.5
+0.1
240
Parameter
Frequency Range (RF)
Frequency Range (LO)
Frequency Range (IF)
Input Return Loss RF (S11)
Small Signal Conversion Gain RF/IF (S21)
LO Input Drive (PLO)
Image Rejection
Noise Figure (NF)
Isolation LO/RF @ LOx1/LOx2
Input Third Order Intercept (IIP3)
Input 1 dB Compression (IP1dB)
Drain Bias Voltage (Vd)
Gate Bias Voltage (Vg1,2)
Supply Current (Id) (Vd=4.0, Vg=-0.5V Typical)
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
ESD - Human Body Model
ESD - Machine Body Model
+6.0 VDC
300 mA
+0.3 VDC
+5 dBm
-65 to +165 deg C
-55 to MTTF Table1
MTTF Table1
Class 1A
Class M1
(1) Channel temperature affects a device’s MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life


Similar Part No. - XR1008-QB-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB-EV1 MIMIX-XR1008-QB-EV1 Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
logo
M/A-COM Technology Solu...
XR1008-QB-EV1 MA-COM-XR1008-QB-EV1 Datasheet
861Kb / 9P
   Sub-harmonic, Image Reject Receiver
More results

Similar Description - XR1008-QB-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
   35.0-45.0 GHz GaAs MMIC Power Amplifier
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
   35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com