Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1006-QD-0N00 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XR1006-QD-0N00
Description  17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1006-QD-0N00 Datasheet(HTML) 3 Page - Mimix Broadband

  XR1006-QD-0N00 Datasheet HTML 1Page - Mimix Broadband XR1006-QD-0N00 Datasheet HTML 2Page - Mimix Broadband XR1006-QD-0N00 Datasheet HTML 3Page - Mimix Broadband XR1006-QD-0N00 Datasheet HTML 4Page - Mimix Broadband XR1006-QD-0N00 Datasheet HTML 5Page - Mimix Broadband XR1006-QD-0N00 Datasheet HTML 6Page - Mimix Broadband XR1006-QD-0N00 Datasheet HTML 7Page - Mimix Broadband XR1006-QD-0N00 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
Receiver Measurements (cont.)
17.0-25.0 GHz GaAs Receiver
QFN, 7x7 mm
R1006-QD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
XR1006-QD, USB Noise Figure (dB) over Temperature
0
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
21
22
23
24
25
26
RF (GHz) [IF=2GHz]
'@+ 25°C
'@+ 85°C
'@ -40°C
XR1006-QD, USB Input P1dB (dBm) over Temperature
-25
-20
-15
-10
-5
0
16
17
18
19
20
21
22
23
24
25
26
RF (GHz) [IF=2GHz]
+25 Deg C
-40 Deg C
+85 Deg C
XR1006-QD, RF Input Return Loss (dB)
-30
-25
-20
-15
-10
-5
0
16
18
20
22
24
26
RF (GHz)
August 2007 - Rev 30-Aug-07


Similar Part No. - XR1006-QD-0N00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1006-QD-0N00 MIMIX-XR1006-QD-0N00 Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1006-QD-0N00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XU1002-QD MIMIX-XU1002-QD Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XU1002-QD MIMIX-XU1002-QD_07 Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com