Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4521BM1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4521BM1
Description  24 STAGE FREQUENCY DIVIDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4521BM1 Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4521BM1 Datasheet HTML 1Page - STMicroelectronics HCF4521BM1 Datasheet HTML 2Page - STMicroelectronics HCF4521BM1 Datasheet HTML 3Page - STMicroelectronics HCF4521BM1 Datasheet HTML 4Page - STMicroelectronics HCF4521BM1 Datasheet HTML 5Page - STMicroelectronics HCF4521BM1 Datasheet HTML 6Page - STMicroelectronics HCF4521BM1 Datasheet HTML 7Page - STMicroelectronics HCF4521BM1 Datasheet HTML 8Page - STMicroelectronics HCF4521BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions, voltages
References to VSS)
Symb ol
Parameter
T est Cond it ios
Valu e
Un it
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
-40
oC25 oC85 oC
Mi n. Max. Min. T yp. Max. Min . Max.
IL
Quiescent Current
0/5
5
20
0.04
20
150
µA
0/10
10
40
0.04
40
300
0/15
15
80
0.04
80
600
VOH
Output High
Voltage
0/5
< 1
5
4.95
4.95
4.95
V
0/10
< 1
10
9.95
9.95
9.95
0/15
< 1
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
< 1
5
0.05
0.05
0.05
V
10/0
< 1
10
0.05
0.05
0.05
15/0
< 1
15
0.05
0.05
0.05
VIH
Input High
Voltage
0.5/4.5
< 1
5
3.5
3.5
3.5
V
1/9
< 1
10
7
7
7
1.5/13.5
< 1
15
11
11
11
VIL
Input Low
Voltage
4.5/0.5
< 1
5
1.5
1.5
1.5
V
9/1
< 1
10
3
3
3
13.5/1.5
< 1
15
4
4
4
IOH
Output Drive
Current
0/5
2.5
5
-1.53
-1.36
-3.2
-1.1
mA
0/5
4.6
5
-0.52
-0.44
-1
-0.36
0/10
9.5
10
-1.3
-1.1
-2.6
-0.9
0/15
13.5
15
-3.5
-3.0
-6.8
-2.4
IOL
Output Sink Current
0/5
0.4
5
0.52
0.44
1
0.36
mA
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.4
IIH,IIL
Input Leakage
Current
0/18 Any Input
18
±0.1
±10-5 ±0.1
±1
µA
CI
Input Capacitance
Any Input
5
7.5
pF
TheNoise Margin for both ”1” and ”0” level is: 1V min.withV DD = 5 V, 2 V min.with VDD =10 V, 2.5 V min. with VDD=15 V
HCF4521
4/12


Similar Part No. - HCF4521BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
HCF4520BEY STMICROELECTRONICS-HCF4520BEY Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
HCF4520BM1 STMICROELECTRONICS-HCF4520BM1 Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
HCF4520M013TR STMICROELECTRONICS-HCF4520M013TR Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
More results

Similar Description - HCF4521BM1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com