Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM200RZ-2H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # TM200RZ-2H
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM200RZ-2H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  TM200RZ-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM200RZ-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM200RZ-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM200RZ-2H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
MAXIMUM AVERAGE POWER
DISSIPATION (SINGLE PHASE HALFWAVE)
LIMITING VALUE OF THE AVERAGE
CURRENT (SINGLE PHASE HALFWAVE)
AVERAGE CURRENT (A)
AVERAGE CURRENT (A)
MAXIMUM AVERAGE
POWER DISSIPATION
(RECTANGULAR WAVE)
LIMITING VALUE OF THE AVERAGE
CURRENT (RECTANGULAR WAVE)
AVERAGE CURRENT (A)
AVERAGE CURRENT (A)
MITSUBISHI THYRISTOR MODULES
TM200RZ/EZ/GZ-M,-H,-24,-2H
HIGH POWER GENERAL USE
INSULATED TYPE
0
0
320
40
400
160
80 120
50
100
150
200
250
300
350
200 240 280
θ=30°
60°
90°
θ
360°
270°
DC
120°
180°
30
0
320
40
130
40
280
120
200
80
160
240
50
60
70
80
90
100
110
120
180°
DC
θ=30°
θ
360°
60°
270°
90°
120°
0
0
200
320
40
80
120
160
200
240
280
40
80
120
160
θ=30°
120°
90°
180°
θ
360°
60°
130
50
0
120
200
40
60
70
80
90
100
110
120
80
160
θ=30°
60°
90°
θ
360°
180°
120°
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE ELEMENT
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE
ELEMENT
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE ELEMENT
RESISTIVE, INDUCTIVE
LOAD
PER SINGLE ELEMENT


Similar Part No. - TM200RZ-2H

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM200RSRCEMC SCHNEIDER-TM200RSRCEMC Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
More results

Similar Description - TM200RZ-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com