Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTA5-700-52 Datasheet(PDF) 2 Page - SEMPO ELECTRONIC Limited

Part # SMTA5-700-52
Description  Phase Control Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMPO [SEMPO ELECTRONIC Limited]
Direct Link  
Logo SEMPO - SEMPO ELECTRONIC Limited

SMTA5-700-52 Datasheet(HTML) 2 Page - SEMPO ELECTRONIC Limited

  SMTA5-700-52 Datasheet HTML 1Page - SEMPO ELECTRONIC Limited SMTA5-700-52 Datasheet HTML 2Page - SEMPO ELECTRONIC Limited SMTA5-700-52 Datasheet HTML 3Page - SEMPO ELECTRONIC Limited SMTA5-700-52 Datasheet HTML 4Page - SEMPO ELECTRONIC Limited SMTA5-700-52 Datasheet HTML 5Page - SEMPO ELECTRONIC Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
mAs
Q
r
V
TO
T
VJ
T
VJM
T
stg
R
thJÑ
F
W
à
recovered charge
threshold voltage
working junction
temperature
maximum
working junction temperature
storage temperature
thermal resistance;
junction to case
clamping force
weight
maximum
allowable acceleration
T =T
VJ
VJM
V
OC
OC
OC
K/W
kN
g
2
m/s
7.5
1.22
-40...+125
125
-40...+125
0.022
22
610
50
t
gd
delay time
O
T =25 C; V =0.5·V
;
VJ
D
DRM
i =3A; di /dt=6A/µs
GM
G
t
q
turn-off time
T =T
; I =I
;
VJ
VJM
T
TAVM
t =200µs; di /dt=10A/µs;
P
R
V =0.67·V
;V =100V;
D
DRM
R
dV /dt=20V/µs
D
µs
µs
2
350
T =T
; I =I
;di /dt=10A/µs;
VJ
VJM
T
TAVM
R
V =0.5·V
;V =0.8·V
R
RRM
RM
RRM
R
thÑH
thermal resistance;
case to heatsink
K/W
0.007
DC, two-sided cooling
two-sided cooling
SEMPO Electronic Limited
www.sempoel.com
20
°
2- 3.5H
2
i
i
73 max
i
47
i
47
i
66


Similar Part No. - SMTA5-700-52

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTA5-300 SEMPO-SMTA5-300 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-50 SEMPO-SMTA5-300-50 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-52 SEMPO-SMTA5-300-52 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-55 SEMPO-SMTA5-300-55 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-60 SEMPO-SMTA5-300-60 Datasheet
280Kb / 5P
   Phase Control Thyristor
More results

Similar Description - SMTA5-700-52

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com