Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2003-2.5 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SG2003-2.5
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003-2.5 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SG2003-2.5 Datasheet HTML 4Page - SG Micro Corp SG2003-2.5 Datasheet HTML 5Page - SG Micro Corp SG2003-2.5 Datasheet HTML 6Page - SG Micro Corp SG2003-2.5 Datasheet HTML 7Page - SG Micro Corp SG2003-2.5 Datasheet HTML 8Page - SG Micro Corp SG2003-2.5 Datasheet HTML 9Page - SG Micro Corp SG2003-2.5 Datasheet HTML 10Page - SG Micro Corp SG2003-2.5 Datasheet HTML 11Page - SG Micro Corp SG2003-2.5 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SG2003/A
SG2004/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Start Up
Time(10
μs/div)
Application Notes
When LDO is used in handheld products, Attention must be paid to voltage spike which would damage
SG2003 and SG2004. In such applications, voltage spike will be generated at changer interface and VBUS
pin of USB interface when changer adapters and USB equipments are hot-inserted. Besides this, handheld
products will be tested on the production line on the condition of no battery. Test Engineer will apply power
from the connector pin which connects with positive pole of the battery. When external power supply is
turned on suddenly, the voltage spike will be generated at the battery connector. The voltage spike will be
very high, it always exceeds the absolute maximum input voltage (6.0V) of LDO. In order to get robust
design. Design Engineer needs to clear up this voltage spike. Zener diode is a cheap and effective solution to
eliminate such voltage spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be
used to remove voltage spike in cell phone design. The schematic is shown in below:
SG2003/SG2004
4.7uF
VOUT
Vcc
Input
EN
GND
BP/FP
IN
Control
VOUT
C2
0.01uF
C1
1uF
BZM55B5V6
VIN = 5V
VOUT = 2.5V
CIN = COUT = 1
μF
ILOAD = 1mA
6
4
2
0
2
1
0


Similar Part No. - SG2003-2.5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2003 MICROSEMI-SG2003 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J MICROSEMI-SG2003J Datasheet
110Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2003-2.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2012 SGMICRO-SG2012 Datasheet
534Kb / 9P
   400mA , Low Power, Low Dropout, Linear Regulators
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com