Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2003-2.8 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SG2003-2.8
Description  400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2003-2.8 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SG2003-2.8 Datasheet HTML 4Page - SG Micro Corp SG2003-2.8 Datasheet HTML 5Page - SG Micro Corp SG2003-2.8 Datasheet HTML 6Page - SG Micro Corp SG2003-2.8 Datasheet HTML 7Page - SG Micro Corp SG2003-2.8 Datasheet HTML 8Page - SG Micro Corp SG2003-2.8 Datasheet HTML 9Page - SG Micro Corp SG2003-2.8 Datasheet HTML 10Page - SG Micro Corp SG2003-2.8 Datasheet HTML 11Page - SG Micro Corp SG2003-2.8 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SG2003/A
SG2004/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Current limit vs.Temperature
300
400
500
600
700
800
900
1000
1100
1200
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
VOUT = 3.3V
Output Voltage vs.Temperature
2.4
2.45
2.5
2.55
2.6
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
ILOAD = 300mA
VOUT = 2.5V
Output Voltage vs.Temperature
3.2
3.25
3.3
3.35
3.4
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
ILOAD = 300mA
VOUT = 3.3V
Ground Pin Current vs.Temperature
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80
100 120 140
Temperature(℃)
VOUT = 2.5V
VOUT = 3.3V
ILOAD = 300mA
Dropout Voltage vs.Load Current
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
Load Current(mA)
TA = -40℃
TA = +25℃
TA = +85℃
TA = +125℃
VOUT = 2.5V
Dropout Voltage vs.Load Current
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
Load Current(mA)
TA = -40℃
TA = +25℃
TA = +85℃
T
A = +125℃
VOUT = 3.3V


Similar Part No. - SG2003-2.8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2003 MICROSEMI-SG2003 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J MICROSEMI-SG2003J Datasheet
110Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2003-2.8

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2012 SGMICRO-SG2012 Datasheet
534Kb / 9P
   400mA , Low Power, Low Dropout, Linear Regulators
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com