Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2012 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SG2012
Description  400mA , Low Power, Low Dropout, Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2012 Datasheet(HTML) 7 Page - SG Micro Corp

  SG2012 Datasheet HTML 1Page - SG Micro Corp SG2012 Datasheet HTML 2Page - SG Micro Corp SG2012 Datasheet HTML 3Page - SG Micro Corp SG2012 Datasheet HTML 4Page - SG Micro Corp SG2012 Datasheet HTML 5Page - SG Micro Corp SG2012 Datasheet HTML 6Page - SG Micro Corp SG2012 Datasheet HTML 7Page - SG Micro Corp SG2012 Datasheet HTML 8Page - SG Micro Corp SG2012 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SG2012
Application Notes
When LDO is used in handheld products, Attention must be paid to voltage spike which would damage
SG2012. In such applications, voltage spike will be generated at changer interface and VBUS pin of USB
interface when changer adapters and USB equipments are hot-inserted. Besides this, handheld products will
be tested on the production line on the condition of no battery. Test Engineer will apply power from the
connector pin which connects with positive pole of the battery. When external power supply is turned on
suddenly, the voltage spike will be generated at the battery connector. The voltage spike will be very high, it
always exceeds the absolute maximum input voltage (6.0V) of LDO. In order to get robust design. Design
Engineer needs to clear up this voltage spike. Zener diode is a cheap and effective solution to eliminate such
voltage spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be used to remove
voltage spike in cell phone design. The schematic is shown in below:
SG2012
4.7uF
VOUT
Vcc
Input
GND
IN
VOUT
C2
C1
1uF
BZM55B5V6


Similar Part No. - SG2012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2012 MICROSEMI-SG2012 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2012

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
   400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND48XX LINEAR_DIMENSIONS-LND48XX Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
   300mA , Low Power, Low Dropout, Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
SG Micro Corp
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com