Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2011-2.5 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SG2011-2.5
Description  300mA , Low Power, Low Dropout, Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2011-2.5 Datasheet(HTML) 2 Page - SG Micro Corp

  SG2011-2.5 Datasheet HTML 1Page - SG Micro Corp SG2011-2.5 Datasheet HTML 2Page - SG Micro Corp SG2011-2.5 Datasheet HTML 3Page - SG Micro Corp SG2011-2.5 Datasheet HTML 4Page - SG Micro Corp SG2011-2.5 Datasheet HTML 5Page - SG Micro Corp SG2011-2.5 Datasheet HTML 6Page - SG Micro Corp SG2011-2.5 Datasheet HTML 7Page - SG Micro Corp SG2011-2.5 Datasheet HTML 8Page - SG Micro Corp SG2011-2.5 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SG2011
ORDERING INFORMATION
MODEL
VOUT
(V)
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SOT23-3
SG2011-1.5XN3/TR
XB15
Tape and Reel, 3000
SOT89-3
SG2011-1.5XK3/TR
SG2011-1.5XK3
Tape and Reel, 1000
SG2011-1.5
1.5V
SOT89-3(L-Type)
- 40°C to +125°C
SG2011-1.5XK3L/TR
SG2011-1.5XK3L
Tape and Reel, 1000
SOT23-3
SG2011-1.8XN3/TR
XB18
Tape and Reel, 3000
SOT89-3
SG2011-1.8XK3/TR
SG2011-1.8XK3
Tape and Reel, 1000
SG2011-1.8
1.8V
SOT89-3(L-Type)
- 40°C to +125°C
SG2011-1.8XK3L/TR
SG2011-1.8XK3L
Tape and Reel, 1000
SOT23-3
SG2011-2.5XN3/TR
XB25
Tape and Reel, 3000
SOT89-3
SG2011-2.5XK3/TR
SG2011-2.5XK3
Tape and Reel, 1000
SG2011-2.5
2.5V
SOT89-3(L-Type)
- 40°C to +125°C
SG2011-2.5XK3L/TR
SG2011-2.5XK3L
Tape and Reel, 1000
SOT23-3
SG2011-2.8XN3/TR
XB28
Tape and Reel, 3000
SOT89-3
SG2011-2.8XK3/TR
SG2011-2.8XK3
Tape and Reel, 1000
SG2011-2.8
2.8V
SOT89-3(L-Type)
- 40°C to +125°C
SG2011-2.8XK3L/TR
SG2011-2.8XK3L
Tape and Reel, 1000
SOT23-3
SG2011-3.0XN3/TR
XB30
Tape and Reel, 3000
SOT89-3
SG2011-3.0XK3/TR
SG2011-3.0XK3
Tape and Reel, 1000
SG2011-3.0
3.0V
SOT89-3(L-Type)
- 40°C to +125°C
SG2011-3.0XK3L/TR
SG2011-3.0XK3L
Tape and Reel, 1000
SOT23-3
SG2011-3.3XN3/TR
XB33
Tape and Reel, 3000
SOT89-3
SG2011-3.3XK3/TR
SG2011-3.3XK3
Tape and Reel, 1000
SG2011-3.3
3.3V
SOT89-3(L-Type)
- 40°C to +125°C
SG2011-3.3XK3L/TR
SG2011-3.3XK3L
Tape and Reel, 1000
SOT23-3
SG2011-3.6XN3/TR
XB36
Tape and Reel, 3000
SOT89-3
SG2011-3.6XK3/TR
SG2011-3.6XK3
Tape and Reel, 1000
SG2011-3.6
3.6V
SOT89-3(L-Type)
- 40°C to +125°C
SG2011-3.6XK3L/TR
SG2011-3.6XK3L
Tape and Reel, 1000
ABSOLUTE MAXIMUM RATINGS
IN to GND.....................................................................- 0.3V to +6V
Output Short-Circuit Duration............................................Infinite
OUT to GND...................................................- 0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25℃
SOT23-3 .....................................................................................0.4W
SOT89-3 ................................................................................0.571W
Package Thermal Resistance
SOT23-3, θJA....................................................................... 250 /W
SOT89-3, θJA.........................................................................175°C/W
Operating Temperature Range............................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).......................................260°C
ESD Susceptibility
HBM..........................................................................................7000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
PIN DESCRIPTION
NAME
FUNCTION
IN
Regulator Input.
Supply voltage can range from 2.5V to 5.5V.
GND
Ground.
OUT
Regulator Output.


Similar Part No. - SG2011-2.5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2011 MICROSEMI-SG2011 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2011-2.5

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com