Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB7122-315-FM-A Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # EVB7122-315-FM-A
Description  27 to 930MHz Transceiver Evaluation Board Description
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB7122-315-FM-A Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  EVB7122-315-FM-A Datasheet HTML 1Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 2Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 3Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 4Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 5Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 6Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 7Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 8Page - Melexis Microelectronic Systems EVB7122-315-FM-A Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EVB7122
27 to 930MHz Transceiver
Evaluation Board Description
39012 07122 02
Page 5 of 24
EVB Description
Rev. 005
June/07
2
Description of User Modes
2.1
Stand-alone User Mode Operation
After power up the transceiver is set to stand-alone user mode. In this mode, pins FS0/SDEN and FS1/LD
must be connected to VEE or VCC to set the desired frequency of operation. The logic level at pin FS0/SDEN
must not be changed after power up in order to remain in stand-alone user mode. The default settings of the
control word bits in stand-alone user mode are described in the frequency selection table. Detailed
information about the default settings can be found in the tables of section 5.
2.1.1
Frequency Selection
Channel frequency
433.92 MHz
868.3 MHz
315 MHz
915 MHz
FS0/SDEN
1
0
1
0
FS1/LD
0
0
1
1
Reference oscillator frequency
7.1505 MHz
R counter ratio in RX mode (RR)
32
16
18
32
PFD frequency in RX mode
223.45 kHz
446.91 kHz
397.25 kHz
223.45 kHz
N counter ratio in RX mode (NR)
1894
1919
766
4047
VCO frequency in RX mode
423.22 MHz
857.60 MHz
304.30 MHz
904.30 MHz
RX frequency
433.92 MHz
868.30 MHz
315.00 MHz
915.00 MHz
R counter ratio in TX mode (RT)
32
16
18
32
PFD frequency in TX mode
223.45 kHz
446.91 kHz
397.25 kHz
223.45 kHz
N counter ratio in TX mode (NT)
1942
1943
793
4095
VCO frequency in TX mode
433.92 MHz
868.30 MHz
315.00 MHz
915.00 MHz
TX frequency
433.92 MHz
868.30 MHz
315.00 MHz
915.00 MHz
IF in RX mode
10.7 MHz
10.7 MHz
10.7 MHz
10.7 MHz
In stand-alone user mode, the transceiver can be set to Standby, Receive, Transmit or Idle mode (only PLL
synthesizer active) via control pins RE/SCLK and TE/SDTA. The modulation scheme and the LNA gain are
set by pins ASK/FSK and GAIN_LNA, respectively.
2.1.2
Operation Mode
Operation mode
Standby
Receive
Transmit
Idle
RE/SCLK
0
1
0
1
TE/SDTA
0
0
1
1
Note:
Pins with internal pull-down


Similar Part No. - EVB7122-315-FM-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
   315/433MHz Transmitter
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
   868/915MHz Transmitter
EVB71101 MELEXIS-EVB71101 Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-A MELEXIS-EVB71101-315-ASK-A Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71101-315-ASK-C MELEXIS-EVB71101-315-ASK-C Datasheet
619Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results

Similar Description - EVB7122-315-FM-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
STMicroelectronics
AN2031 STMICROELECTRONICS-AN2031 Datasheet
210Kb / 12P
   EVALUATION BOARD DESCRIPTION
logo
Melexis Microelectronic...
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com