Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM809 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM809
Description  Microprocessor Supervisory Circuit in 3-Pin SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM809 Datasheet(HTML) 7 Page - SG Micro Corp

  SGM809 Datasheet HTML 1Page - SG Micro Corp SGM809 Datasheet HTML 2Page - SG Micro Corp SGM809 Datasheet HTML 3Page - SG Micro Corp SGM809 Datasheet HTML 4Page - SG Micro Corp SGM809 Datasheet HTML 5Page - SG Micro Corp SGM809 Datasheet HTML 6Page - SG Micro Corp SGM809 Datasheet HTML 7Page - SG Micro Corp SGM809 Datasheet HTML 8Page - SG Micro Corp SGM809 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SGM803/809/810
APPLICATION NOTES
BENEFITS OF AN ACCURATE RESET
THRESHOLD
In other microprocessor supervisory circuits, tolerances in
supply voltages lead to an overall increase in reset tolerance
levels due to the deterioration of the microprocessor reset
circuit’s power supply. The possibility of a malfunction during a
power failure is greatly reduced because the SGM803/
SGM809/SGM810 series can operate effectively even when
there are large degradations of the supply voltages. Another
advantage of the SGM803/ SGM809/SGM810 series is its very
accurate internal voltage reference circuit. These benefits
combine to produce an exceptionally reliable voltage monitor
circuit.
INTERFACING TO MICROPROCESSORS WITH
MULTIPLE INTERRUPTS
In a number of cases, it is necessary to interface many
interrupts from different devices (for example, thermal, altitude,
and velocity sensors). The SGM803/SGM809/SGM810 can
easily be integrated into existing interrupt-handling circuits, as
shown in Figure 1, or can be used as a standalone device.
SGM809
GND
RESET
VCC
VCC
OTHER SENSING
DEVICES
PRIORITY ENCODER
74LS147
4-LINE BCD TO
MICROPROCESSOR
Figure 1. Interfacing to Microprocessors with Multiple
Interrupts
INTERFACING TO OTHER DEVICES’ OUTPUT
The SGM803/SGM809/SGM810 series is designed to integrate
with as many devices as possible and, therefore, has a
standard output dependent on VCC. This enables the parts to
be used in both 3 V and 5 V, or any nominal voltage within the
minimum and maximum specifications for VCC. This design
simplifies interfacing this device to other devices.
ENSURING A VALID RESET OUTPUT DOWN TO
VCC = 0 V
When VCC falls below 1.0 V, the SGM803/SGM809 RESET no
longer sinks current. A high impedance CMOS logic input
connected to RESET may, therefore, drift to undetermined logic
levels. To eliminate this problem, a 100kΩ resistor should be
connected from RESET to ground.
SGM809
GND
RESET
VCC
VCC
Figure 2. Ensuring a Valid Reset Output Down to VCC = 0V


Similar Part No. - SGM809

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM809 SGMICRO-SGM809 Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-JXN3/TR SGMICRO-SGM809-JXN3/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-JXN3L/TR SGMICRO-SGM809-JXN3L/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-LXN3/TR SGMICRO-SGM809-LXN3/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
SGM809-LXN3L/TR SGMICRO-SGM809-LXN3L/TR Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
More results

Similar Description - SGM809

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM809 AD-ADM809 Datasheet
172Kb / 6P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
REV. 0
logo
SG Micro Corp
SGM803 SGMICRO-SGM803_18 Datasheet
1Mb / 13P
   Microprocessor Supervisory Circuit in 3-Pin SOT-23
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com