Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3704 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT3704
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT3704 Datasheet HTML 1Page - Active-Semi, Inc ACT3704 Datasheet HTML 2Page - Active-Semi, Inc ACT3704 Datasheet HTML 3Page - Active-Semi, Inc ACT3704 Datasheet HTML 4Page - Active-Semi, Inc ACT3704 Datasheet HTML 5Page - Active-Semi, Inc ACT3704 Datasheet HTML 6Page - Active-Semi, Inc ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 5 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
1000
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)
4.50
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
200
400
0
600
800
Battery Termination Voltage vs. Charge Current
IBAT (mA)
600
550
500
450
400
350
200
150
100
0
300
250
50
1.0
2.0
0.5
3.0
3.5
4.5
VBAT (V)
4.0
2.5
1.5
Charge Current vs. Battery Termination Voltage
600
500
400
100
300
200
6.5
8.5
4.5
12.5
14.5
VIN (V)
10.5
Charge Current vs. Supply Voltage
575
550
525
500
475
450
350
325
300
425
400
375
3.00
VBAT (V)
Charge Current vs. Battery Voltage
275
3.10 3.20 3.30 3.40 3.50 3.60 3.70 3.80 3.90 4.00 4.10
1000
900
800
700
600
500
200
100
400
300
50
100
0
250
300
350
RISET (k)
150
Charge Current vs. RISET
0
200
4.300
4.275
4.250
4.225
4.200
4.125
4.175
4.150
5.5
6.0
5.0
8.0
8.5
9.0
VIN (V)
6.5
Battery Termination Voltage vs. Supply Voltage
7.0
7.5
VIN = 5V
RISET = 27k
ADJ = G
VIN = 5V
RISET = 47k
ADJ = G
VIN = 5V
VBAT = 3.7V
RISET = 47k
VIN = 5V
RISET = 47k
ADJ = G
VIN = 5V
VBAT = 3.7V
ADJ = G
RISET = 47k
IBAT = 100mA
ADJ = IN
4.100
Thermal Regulation Circuitry Active


Similar Part No. - ACT3704

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
514Kb / 20P
   50mΩ Battery Switch for Highest Efficiency
Rev 8, 09-Jul-13
ACT3780NY-T ACTIVE-SEMI-ACT3780NY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
101Kb / 2P
   ActivePath Battery Charger
05-Dec-12
More results

Similar Description - ACT3704

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com