Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4065 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4065
Description  High Input 2A Step Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4065 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4065 Datasheet HTML 1Page - Active-Semi, Inc ACT4065 Datasheet HTML 2Page - Active-Semi, Inc ACT4065 Datasheet HTML 3Page - Active-Semi, Inc ACT4065 Datasheet HTML 4Page - Active-Semi, Inc ACT4065 Datasheet HTML 5Page - Active-Semi, Inc ACT4065 Datasheet HTML 6Page - Active-Semi, Inc ACT4065 Datasheet HTML 7Page - Active-Semi, Inc ACT4065 Datasheet HTML 8Page - Active-Semi, Inc ACT4065 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACT4065
Figure 2. Functional Block Diagram
FUNCTIONAL DESCRIPTION
As seen in Figure 2, Functional Block
Diagram, the ACT4065 is a current mode pulse
width
modulation
(PWM)
converter.
The
converter operates as follows:
A switching cycle starts when the rising edge
of the Oscillator clock output causes the High-
Side Power Switch to turn on and the Low-Side
Power Switch to turn off. With the SW side of the
inductor now connected to IN, the inductor
current ramps up to store energy in the its
magnetic field. The inductor current level is
measured by the Current Sense Amplifier and
added to the Oscillator ramp signal. If the
resulting summation is higher than the COMP
voltage, the output of the PWM Comparator
goes high. When this happens or when
Oscillator clock output goes low, the High-Side
Power Switch turns off and the Low-Side Power
Switch turns on. At this point, the SW side of the
inductor swings to a diode voltage below ground,
causing the inductor current to decrease and
magnetic energy to be transferred to output. This
state continues until the cycle starts again.
The High-Side Power Switch is driven by
logic using BS bootstrap pin as the positive rail.
This pin is charged to VSW + 6V when the Low-
Side Power Switch turns on.
The COMP voltage is the integration of the
error between FB input and the internal 1.293V
reference. If FB is lower than the reference
voltage, COMP tends to go higher to increase
current to the output. Current limit happens when
COMP reaches its maximum clamp value of
2.55V.
The Oscillator normally switches at 200kHz.
However, if FB voltage is less than 0.7V, then the
switching frequency decreases until it reaches a
minimum of 50kHz at VFB = 0.5V.
SHUTDOWN CONTROL
The ACT4065 has an enable input EN for
turning the IC on or off. When EN is less than
0.7V, the IC is in 8μA low current shutdown
mode. When EN is higher than 1.3V, the IC is in
normal operation mode. EN is internally pulled
up with a 2μA current source and can be left
unconnected for always-on operation. Note that
EN is a low voltage input with a maximum
voltage of 6V; it should never be directly
connected to IN.
THERMAL SHUTDOWN
The ACT4065 automatically turns off when its
junction temperature exceeds 160°C.
Active-Semi, Inc.
- 4 -
www.active-semi.com
IN
EN
COMP
FB
BS
SW
REGULATOR
&
REFERENCE
OSCILLATOR
&
RAMP
+
+
+
+
PWM
COMPARATOR
LOGIC
THERMAL
SHUTDOWN
G
2μA
ENABLE
ERROR
AMPLIFIER
1.293V
FOLDBACK
CONTROL
0.2Ω
HIGH-SIDE
POWER
SWITCH
8Ω LOW-SIDE
POWER SWITCH
CURRENT SENSE
AMPLIFIER


Similar Part No. - ACT4065

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
297Kb / 10P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065ASH-T ACTIVE-SEMI-ACT4065ASH-T Datasheet
298Kb / 9P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065ASH-T ACTIVE-SEMI-ACT4065ASH-T Datasheet
297Kb / 10P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065A ACTIVE-SEMI-ACT4065A_14 Datasheet
297Kb / 10P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
More results

Similar Description - ACT4065

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4065A ACTIVE-SEMI-ACT4065A_14 Datasheet
297Kb / 10P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3126 FOSLINK-FSP3126 Datasheet
243Kb / 9P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
   Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
   Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
   Wide Input 2A Step Down Converter
Rev 1, 12/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com