Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4088 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc ACT4088 Datasheet HTML 10Page - Active-Semi, Inc ACT4088 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACT4088
Rev PrA, 24-Jul-07
Innovative Products. Active Solutions.
- 8 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
Soft-Start
The ACT4088 provides an internal soft-start fea-
ture, which ramps the output voltage and output
current are from 0 to the full value over 0.5 millisec-
onds. This feature prevents output voltage over-
shoot at light loads as well as to prevent large in-
rush currents upon startup. The soft-start circuitry is
internally reset anytime the IC is disabled using the
EN pin, as well as if the IC reaches hiccup mode or
thermal shutdown. In all of these cases, soft-start
provides a smooth, controlled restart after the fault
is removed.
Frequency Foldback
The voltage at FB is monitored by a comparator to
detect an extreme output overload condition. If the
voltage at the FB pin falls to below 0.3V, the inter-
nal oscillator slows to a decreased frequency of
467kHz, 33% of the nominal value. This prevents
the inductor current from rising excessively during a
dead-short condition, potentially resulting in induc-
tor saturation.
Figure 2:
ACT4088 Typical 5V/1.5A Output Application
ACT4088
IN
EN
BST
SW
FB
G
C1
10µF
D1
B240A
C3
22nF
L1
4.7µH
C2
22µF
VOUT
5V
VIN
RFB2
RFB1
49.9k
1%
9.53k
1%
6
5
4
3
2
1
OFF
ON
D2
1N4148
(Optional)
Optional Connection:
IN if VIN < 5.5V
OUT if VOUT < 5.5V


Similar Part No. - ACT4088

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
482Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
496Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 1, 14-Feb-11
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
495Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
494Kb / 12P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088US-T ACTIVE-SEMI-ACT4088US-T Datasheet
482Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
More results

Similar Description - ACT4088

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088_11 Datasheet
496Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 1, 14-Feb-11
ACT4088 ACTIVE-SEMI-ACT4088_08 Datasheet
482Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088_12 Datasheet
495Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088 ACTIVE-SEMI-ACT4088_14 Datasheet
494Kb / 12P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
   16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
logo
Global Mixed-mode Techn...
G5756 GMT-G5756 Datasheet
110Kb / 1P
   1.5A, 1.4MHz Step-down DC/DC
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com