Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM724XTS Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM724XTS
Description  970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM724XTS Datasheet(HTML) 1 Page - SG Micro Corp

  SGM724XTS Datasheet HTML 1Page - SG Micro Corp SGM724XTS Datasheet HTML 2Page - SG Micro Corp SGM724XTS Datasheet HTML 3Page - SG Micro Corp SGM724XTS Datasheet HTML 4Page - SG Micro Corp SGM724XTS Datasheet HTML 5Page - SG Micro Corp SGM724XTS Datasheet HTML 6Page - SG Micro Corp SGM724XTS Datasheet HTML 7Page - SG Micro Corp SGM724XTS Datasheet HTML 8Page - SG Micro Corp SGM724XTS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SGM721
SGM722
SGM723
SGM724
PRODUCT DESCRIPTION
The SGM721 (single), SGM722 (dual), SGM723 (single with
shutdown)
and SGM724 (quad) are low noise, low voltage,
and low power operational amplifiers, that can be designed
into a wide range of applications. The SGM721/2/3/4 have a
high Gain- Bandwidth Product of 10MHz, a slew rate of
8.5V/
μs, and a quiescent current of 0.97mA/amplifier at 5V.
The SGM723 has a power-down disable feature that
reduces the supply current to 160nA.
The SGM721/2/3/4 are designed to provide optimal
performance in low voltage and low noise systems. They
provide rail-to-rail output swing into heavy loads. The
input common-mode voltage range includes ground, and
the maximum input offset voltage is 4mV for SGM721/2/3/4.
They
are
specified
over
the
extended
industrial
temperature range (−40°C to +125°C). The operating range
is from 2.5V to 5.5V.
The single version, SGM721 is available in SC70-5, SOT23-5
and SO-8 packages. SGM723 is available in SOT23-6 and
SO-8 packages. The dual version SGM722 is available in
SO-8 and MSOP-8 packages.
The quad version SGM724 is
available in SO-16 and TSSOP-16 packages.
APPLICATIONS
Sensors
Audio
Active Filters
A/D Converters
Communications
Test Equipment
Cellular and Cordless Phones
Laptops and PDAs
Photodiode Amplification
Battery-Powered Instrumentation
970µA, 10MHz, Rail-to-Rail I/O
CMOS Operational Amplifier
FEATURES
• Low Cost
• Rail-to-Rail Input and Output
1mV Typical VOS
• High Gain-Bandwidth Product: 10MHz
• High Slew Rate: 8.5V/µs
• Settling Time to 0.1% with 2V Step: 0.36 µs
• Overload Recovery Time: 0.4µs
• Low Noise : 8 nV/ Hz
• Operates on 2.5 V to 5.5V Supplies
• Input Voltage Range = - 0.1 V to +5.6 V with VS = 5.5 V
• Low Power
0.97 mA/Amplifier Typical Supply Current
SGM723 160nA when Disabled
• Small Packaging
SGM721 Available in SC70-5, SOT23-5 and SO-8
SGM722 Available in MSOP-8 and SO-8
SGM723 Available in SOT23-6 and SO-8
SGM724 Available in TSSOP-16 and SO-16
PIN CONFIGURATIONS (Top View)
1
2
3
4
5
OUT A
-IN A
+IN A
-VS
+VS
-IND
+IND
SGM724
TSSOP-16 / SO-16
6
7
8
9
10
11
12
13
14
15
16
-INB
+INB
-INC
NC
NC
OUT B
OUT C
+INC
OUT D
NC = NO CONNECT
+VS
-IN
1
2
3
4
5
OUT
-VS
+IN
SGM721
SC70-5 / SOT23-5
(SGM723 ONLY)
-IN
+IN
-VS
NC
1
2
3
4
5
6
7
8
+VS
SGM721/723
SO-8
NC
OUT
DISABLE
NC = NO CONNECT
OUT B
+VS
+IN B
OUT A 1
2
3
4
5
6
7
8
-IN A
+IN A
-VS
-IN B
SGM722
SO-8 / MSOP-8
OUT 1
2
3
4
5
6
-VS
+IN
+VS
DISABLE
-IN
SOT23-6
SGM723
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com
REV. B


Similar Part No. - SGM724XTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM724XTS14/TR SGMICRO-SGM724XTS14/TR Datasheet
1Mb / 21P
   CMOS Operational Amplifiers
More results

Similar Description - SGM724XTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
ams AG
AS1713 AMSCO-AS1713 Datasheet
1Mb / 15P
   Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com