Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM722XS Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM722XS
Description  970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM722XS Datasheet(HTML) 2 Page - SG Micro Corp

  SGM722XS Datasheet HTML 1Page - SG Micro Corp SGM722XS Datasheet HTML 2Page - SG Micro Corp SGM722XS Datasheet HTML 3Page - SG Micro Corp SGM722XS Datasheet HTML 4Page - SG Micro Corp SGM722XS Datasheet HTML 5Page - SG Micro Corp SGM722XS Datasheet HTML 6Page - SG Micro Corp SGM722XS Datasheet HTML 7Page - SG Micro Corp SGM722XS Datasheet HTML 8Page - SG Micro Corp SGM722XS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SGM721/2/3/4
ELECTRICAL CHARACTERISTICS :VS = +5V
(At TA = +25℃,VCM = Vs/2, RL = 600Ω, unless otherwise noted)
SGM721/2/3/4
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITION
+25℃
+25℃
0℃ to
70℃
-40℃
to 85℃
-40℃ to
125℃
UNITS
MIN/
MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
Input Bias Current (IB)
Input Offset Current (IOS)
Common-Mode Voltage Range (VCM)
Common-Mode Rejection Ratio(CMRR)
Open-Loop Voltage Gain( AOL)
Input Offset Voltage Drift (∆VOS/∆T)
VS = 5.5V
VS = 5.5V, VCM = - 0.1V to 4 V
VS = 5.5V, VCM = - 0.1V to 5.6 V
RL= 600Ω ,Vo = 0.15V to 4.85V
RL=10KΩ,Vo = 0.05V to 4.95V
1
1
1
-0.1 to +5.6
91
86
90
100
2.1
4
75
64
84
95
4.5
74
64
81
90
4.75
73
63
80
88
5
72.5
62
72
77
mV
pA
pA
V
dB
dB
dB
dB
µV/℃
MAX
TYP
TYP
TYP
MIN
MIN
MIN
MIN
TYP
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current (IOUT)
Closed-Loop Output Impedance
RL = 600Ω
RL = 10KΩ
F = 1MHz, G = +1
0.1
0.015
57
5.7
53
52
50
45
V
V
mA
TYP
TYP
MIN
TYP
POWER-DOWN DISABLE
Turn-On Time
Turn-Off Time
DISABLE Voltage-Off
DISABLE Voltage-On
2.2
0.8
0.8
2
µs
µs
V
V
TYP
TYP
MAX
MIN
POWER SUPPLY
Operating Voltage Range
Power Supply Rejection Ratio (PSRR)
Quiescent Current/ Amplifier (IQ)
Supply Current when Disabled
(SGM723 only)
Vs = +2.5 V to + 5.5 V
VCM = (-VS) + 0.5V
IOUT = 0
100
0.97
0.16
2.5
5.5
80
1.13
1
2.5
5.5
79
1.25
2.5
5.5
78
1.28
2.5
5.5
77
1.38
V
V
dB
mA
µA
MIN
MAX
MIN
MAX
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
Phase Margin(φO)
Full Power Bandwidth(BWP)
Slew Rate (SR)
Settling Time to 0.1%( tS)
Overload Recovery Time
RL = 600Ω
1% distortion
G = +1, 2 V Output Step
G = +1, 2 V Output Step
VIN ·Gain = Vs
10
63.5
400
8.5
0.36
0.4
MH z
degrees
KHz
V/µs
µs
µs
TYP
TYP
TYP
TYP
TYP
TYP
NOISE PERFORMANCE
Voltage Noise Density (en)
Current Noise Density( in)
f = 1kHz
f = 10kHz
f = 1kHz
8
6.4
10
nV/ Hz
nV/ Hz
fA/ Hz
TYP
TYP
TYP
Specifications subject to change without notice.


Similar Part No. - SGM722XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM722XS/TR SGMICRO-SGM722XS/TR Datasheet
1Mb / 21P
   CMOS Operational Amplifiers
More results

Similar Description - SGM722XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
ams AG
AS1713 AMSCO-AS1713 Datasheet
1Mb / 15P
   Difference Amplifier, 10MHz, 10V/關s, Rail-to-Rail I/O
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com