Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2012-2.5XKC3 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SG2012-2.5XKC3
Description  400mA , Low Power, Low Dropout, Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2012-2.5XKC3 Datasheet(HTML) 4 Page - SG Micro Corp

  SG2012-2.5XKC3 Datasheet HTML 1Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 2Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 3Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 4Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 5Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 6Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 7Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 8Page - SG Micro Corp SG2012-2.5XKC3 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SG2012
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT (NOMINAL) + 1V, CIN = 1µF, COUT = 1µF, TA = +25℃, unless otherwise noted.
Ground Pin Current vs.Input Voltage
0
20
40
60
80
100
01
23
45
6
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 2.5V
Ground Pin Current vs.Input Voltage
0
50
100
150
200
0123
456
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 3.3V
Output Voltage vs.Input Voltage
0
1
2
3
4
5
6
01
234
56
Input Voltage(V)
No Load
VOUT = 2.5V
VOUT = 3.3V
Ground Pin Current vs.Load Current
60
70
80
90
100
110
120
130
140
150
160
170
180
190
0
100
200
300
400
Load Current(mA)
VOUT = 2.5V
VOUT = 3.3V
Output Voltage vs.Load Current
2.4
2.45
2.5
2.55
2.6
0
100
200
300
400
Load Current(mA)
VOUT = 2.5V
Output Vlotage vs.Load Current
3.25
3.275
3.3
3.325
3.35
0
100
200
300
400
Load Current(mA)
VOUT = 3.3V


Similar Part No. - SG2012-2.5XKC3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2012 MICROSEMI-SG2012 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2012 MICROSEMI-SG2012 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2012-2.5XKC3

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
   400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND48XX LINEAR_DIMENSIONS-LND48XX Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
   300mA , Low Power, Low Dropout, Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
SG Micro Corp
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com