Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2006-2.9 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM2006-2.9
Description  Low Power, Low Dropout, 150mA, RF - Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2006-2.9 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM2006-2.9 Datasheet HTML 1Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 2Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 3Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 4Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 5Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 6Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 7Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 8Page - SG Micro Corp SGM2006-2.9 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SGM2006/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25℃, unless otherwise noted.
Output Voltage vs.Load Current
2.7
2.75
2.8
2.85
2.9
0
50
100
150
Load Current(mA)
VOUT = 2.8V
Output Voltage vs.Load Current
3.2
3.25
3.3
3.35
3.4
0
50
100
150
Load Current(mA)
VOUT = 3.3V
Ground Pin Current vs.Load Current
60
70
80
90
100
110
120
130
140
150
160
050
100
150
Load Current(mA)
VOUT = 2.8V
VOUT = 3.3V
Ground Pin Current vs.Input Voltage
0
40
80
120
160
200
01
2
345
6
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 2.8V
Ground Pin Current vs.Input Voltage
0
40
80
120
160
200
01
23
45
6
Input Voltage(V)
No Load
Iload = 50mA
VOUT = 3.3V
Output Voltage vs.Input Voltage
0
1
2
3
4
5
6
01
234
56
Input Voltage(V)
No Load
VOUT = 2.8V
VOUT = 3.3V


Similar Part No. - SGM2006-2.9

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-1.8 SGMICRO-SGM2005-1.8 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-1.8YD6/TR SGMICRO-SGM2005-1.8YD6/TR Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-2.5 SGMICRO-SGM2005-2.5 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-2.5YD6/TR SGMICRO-SGM2005-2.5YD6/TR Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results

Similar Description - SGM2006-2.9

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com