Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM400PZ-M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # TM400PZ-M
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM400PZ-M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  TM400PZ-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM400PZ-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM400PZ-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM400PZ-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM400DZ/CZ/PZ/UZ-M,-H,-24,-2H
HIGH POWER GENERAL USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
DC motor control, NC equipment, AC motor control, Contactless switches,
Electric furnace temperature control, Light dimmers
TM400DZ/CZ/PZ/UZ-M,-H,-24,-2H
• IT (AV)
Average on-state current .......... 400A
• VRRM
Repetitive peak reverse voltage
........ 400/800/1200/1600V
• VDRM
Repetitive peak off-state voltage
........ 400/800/1200/1600V
• DOUBLE ARMS
• Insulated Type
(DZ Type)
(DZ Type)
(Bold line is connective bar.)
A1
K1
A2
K2
24
3–
φ6.5
4–M8
24
24
24
26
35
44
35
23
80±0.2
80±0.2
180
Tab#110, t=0.5
(DZ)
A1
CR1
K1 K2
A2
CR2
K2
G2
K1
G1
K2
G2
A1
CR1
K1 K2
A2
CR2
G1
K1
K2
G2
A1
CR1
K1 K2
A2
CR2
G1
K1
(CZ)
(PZ)
(UZ)
K2
G2
A1
CR1
K1 K2
A2
CR2
G1
K1
LABEL


Similar Part No. - TM400PZ-M

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM4002 SPECTRUM-TM4002 Datasheet
40Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM4002 APITECH-TM4002 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
TM4002PM APITECH-TM4002PM Datasheet
222Kb / 1P
   RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM4003 SPECTRUM-TM4003 Datasheet
40Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM4003 APITECH-TM4003 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TM400PZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com