Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2011-2.8XK3 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SG2011-2.8XK3
Description  300mA , Low Power, Low Dropout, Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2011-2.8XK3 Datasheet(HTML) 3 Page - SG Micro Corp

  SG2011-2.8XK3 Datasheet HTML 1Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 2Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 3Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 4Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 5Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 6Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 7Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 8Page - SG Micro Corp SG2011-2.8XK3 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SG2011
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), TA = - 40°C to +125°C, unless otherwise noted. Typical values are at TA = + 25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
IOUT = 0.1mA, TA = +25°C
-1.8
1.8
IOUT = 0.1mA to 300mA,
TA = 0°C to +70°C
2.5
Output Voltage Accuracy
IOUT = 0.1mA to 300mA,
TA = - 40°C to +125°C
2.9
%
Output Current
300
mA
Current Limit
ILIM
310
750
mA
No load
80
140
Ground Pin Current
IQ
IOUT = 300mA
110
µA
IOUT = 1mA
0.8
Dropout Voltage(Note1)
IOUT = 300mA
210
340
mV
Line Regulation
ΔVLNR
VIN = 2.5V or (VOUT + 0.1V) to 5.5V,
IOUT = 1mA
0.004
0.15
%/V
Load Regulation
ΔVLDR
IOUT = 0.1mA to 300mA, COUT = 1µF
0.0005
0.002
%/mA
Output Voltage Noise
en
f = 10Hz to 100KHz, COUT = 10µF
120
µVRMS
f = 100Hz,
74
dB
Power Supply Rejection Rate
PSRR
ILOAD = 50mA, COUT = 1µF
f = 1KHz,
54
dB
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
160
Thermal Shutdown Hysteresis
ΔTSHDN
15
Specifications subject to change without notice.
Note 1: The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.
(Only applicable for VOUT = +2.5V to +5.0V)


Similar Part No. - SG2011-2.8XK3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2011 MICROSEMI-SG2011 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2011 MICROSEMI-SG2011 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2011-2.8XK3

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com