Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2013-2.5 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2013-2.5
Description  300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2013-2.5 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2013-2.5 Datasheet HTML 1Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 2Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 3Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 4Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 5Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 6Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 7Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 8Page - SG Micro Corp SGM2013-2.5 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
300mA,Low Power,Low Dropout,
SGM2013
3-Terminal,Linear Regulators
GENERAL DESCRIPTION
The SGM2013 low-power, low-dropout, CMOS linear
voltage regulators operate from a 2.5V to 5.5V input and
deliver up to 300mA. They are perfect choice for low voltage,
low power applications. An ultra low ground current (200µA
at 300mA output) makes them attractive for battery
operated power systems. The SGM2013 series also offer
ultra low dropout voltage (300mV at 300mA output) to
prolong battery life in portable electronics
The output voltage is preset to voltages in the range of 1.8V
to 3.3V. Other features include foldback current limit and
thermal shut-down protection.
SGM2013 come in 3-pin SOT23 and 3-pin SOT89 package.
APPLICATIONS
Cellular Telephones
Digital Cameras
MP3、MP4
USB 2.0
Modems
PC Cameras
Hand-Held Instruments
Electronic Dictionarys
Portable/Battery-Powered Equipment
TYPICAL OPERATION CIRCUIT
OUTPUT
INPUT
IN
OUT
GND
CIN
1
μF
COUT
1
μF
FEATURES
-
Ultra-Low Dropout Voltage:
300mV at 300mA output
-
Low 77µA No-Load Supply Current
-
Low 200µA Operating Supply Current
at 300mA Output
-
High PSRR
-
Thermal-Overload Protection
-
Output Current Limit
-
Output Voltage:
Available in Fixed Outputs 1.8V, 2.5V, 2.7V, 2.8V,
2.9V, 3.0V and 3.3V
PIN CONFIGURATIONS(TOP VIEW)
GND
IN
OUT
SOT23-3
1
2
3
IN
OUT GND
GND
SOT89-3
12
3
IN
OUT
GND
IN
12
3
SOT89-3(L-Type)
SG Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com
REV. C


Similar Part No. - SGM2013-2.5

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2013 SONY-SGM2013 Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
More results

Similar Description - SGM2013-2.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
   300mA , Low Power, Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com