Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2324 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM2324
Description  1MHz, Quad, General Purpose CMOS Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2324 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM2324 Datasheet HTML 1Page - SG Micro Corp SGM2324 Datasheet HTML 2Page - SG Micro Corp SGM2324 Datasheet HTML 3Page - SG Micro Corp SGM2324 Datasheet HTML 4Page - SG Micro Corp SGM2324 Datasheet HTML 5Page - SG Micro Corp SGM2324 Datasheet HTML 6Page - SG Micro Corp SGM2324 Datasheet HTML 7Page - SG Micro Corp SGM2324 Datasheet HTML 8Page - SG Micro Corp SGM2324 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SGM2324
2
ELECTRICAL CHARACTERISTICS: VS = +5V
(At RL = 100KΩ connected to Vs/2, and VOUT = Vs/2, unless otherwise noted)
SGM2324
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25℃
+25℃
-40℃ to +85℃
UNITS
MIN / MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
Input Bias Current (IB)
Input Offset Current (IOS)
Common-Mode Rejection Ratio(CMRR)
Open-Loop Voltage Gain( AOL)
Input Offset Voltage Drift (∆VOS/∆T)
VS = 5V, VCM = - 0.1V to 3.3V
RL= 2KΩ ,Vo = 0.1V to 4.9V
RL=10KΩ ,Vo = 0.035V to 4.965V
1.7
10
10
88
100
110
3.5
10
65
85
90
12
50
80
85
mV
pA
pA
dB
dB
dB
µV/℃
MAX
TYP
TYP
MIN
MIN
MIN
TYP
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current (IOUT)
RL = 2KΩ
RL = 10KΩ
0.8
0.008
43
28
24
V
V
mA
TYP
TYP
MIN
POWER
SUPPLY
Operating Voltage Range
Power Supply Rejection Ratio (PSRR)
Quiescent Current / Amplifier (IQ)
Vs = +3V to + 5.5V
VCM = (-VS) + 0.5V
IOUT = 0
80
0.65
3.0
5.5
75
1.2
3.0
5.5
70
1.3
V
V
dB
mA
MIN
MAX
MIN
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
Slew Rate (SR)
Settling Time to 0.1%( tS)
Overload Recovery Time
Crosstalk
G = +1 , 2V Output Step
G = +1, 2 V Output Step
VIN ·Gain = Vs
1kHz
1MHz
1
0.65
9.0
4.0
-80
-65
MHz
V/µs
µs
µs
dB
dB
TYP
TYP
TYP
TYP
TYP
TYP
NOISE PERFORMANCE
Voltage Noise Density (en)
f = 1kHz
f = 10kHz
42.0
38.0
nV/
Hz
nV/
Hz
TYP
TYP
Specifications subject to changes without notice.


Similar Part No. - SGM2324

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2300 SGMICRO-SGM2300 Datasheet
334Kb / 14P
   High Voltage Regulators
logo
SeCoS Halbleitertechnol...
SGM2301 SECOS-SGM2301 Datasheet
349Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SGM2305A SECOS-SGM2305A Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
SGM2305A SECOS-SGM2305A_15 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SGM2324

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2358 SGMICRO-SGM2358 Datasheet
576Kb / 10P
   1MHz, General Purpose CMOS Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_07 Datasheet
313Kb / 16P
   General purpose JFET quad operational amplifier
logo
E-CMOS Corporation
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com