Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2008-2.5 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2008-2.5
Description  Low Power, Low Dropout, 300mA, RF - Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2008-2.5 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2008-2.5 Datasheet HTML 1Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 2Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 3Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 4Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 5Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 6Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 7Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 8Page - SG Micro Corp SGM2008-2.5 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SGM2008
GENERAL DESCRIPTION
The SGM2008/A series low-power, low-noise, low-dropout,
CMOS linear voltage regulators operate from a 2.5V to 5.5V
input and deliver up to 300mA. They are the perfect choice
for low voltage, low power applications. An ultra low
ground current(200µA at 300mA output ) makes these part
attractive for battery operated power systems. The
SGM2008/A series also offer ultra low dropout voltage
(300mV at 300mA output) to prolong battery life in
portable electronics. Systems requiring a quiet voltage
source, such as RF applications, will benefit from the
SGM2008/A series’ ultra low output noise (30µVRMS) and
high PSRR. An external noise bypass capacitor connected
to the device’s BP pin can further reduce the noise level.
The output voltage is preset to voltages in the range of 1.5V
to
3.6V.
Other
features
include
a
10nA
high
logic-controlled shutdown mode, foldback current limit
and thermal shut- down protection.
Devices come in 5-pin SOT23 package.
APPLICATIONS
Cellular Telephones
Cordless Telephones
PHS Telephones
PCMCIA Cards
Modems
MP3 Player
Hand-Held Instruments
Palmtop Computers
Electronic Planners
Portable/Battery-Powered Equipment
Low Power, Low Dropout,
300mA, RF - Linear Regulators
FEATURES
-
Low Output Noise: 30µVRMS typ(10Hz to 100KHz)
-
Ultra-Low Dropout Voltage:
300mV at 300mA output
-
Low 77µA No-Load Supply Current
-
Low 200µA Operating Supply Current
at 300mA Output
-
High PSRR (73dB at 1KHz)
-
Thermal-Overload Protection
-
Output Current Limit
-
10nA high Logic-Controlled Shutdown
-
Available in Multiple Output Voltage Versions
Fixed Outputs of 1.8V, 2.5V, 2.7V, 2.8V, 2.85V,
2.9V, 3.0V, 3.3V and 3.6V
PIN CONFIGURATIONS(TOP VIEW)
1
2
3
4
5
OUT
IN
SOT23-5
GND
EN
BP
SGM2008
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com
REV. A


Similar Part No. - SGM2008-2.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-1.8 SGMICRO-SGM2005-1.8 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-1.8YD6/TR SGMICRO-SGM2005-1.8YD6/TR Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-2.5 SGMICRO-SGM2005-2.5 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-2.5YD6/TR SGMICRO-SGM2005-2.5YD6/TR Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results

Similar Description - SGM2008-2.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SG2011 SGMICRO-SG2011 Datasheet
544Kb / 10P
   300mA , Low Power, Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com