Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0301 Datasheet(PDF) 10 Page - Power IC Ltd.

Part # PL0301
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0301 Datasheet(HTML) 10 Page - Power IC Ltd.

Back Button PL0301 Datasheet HTML 4Page - Power IC Ltd. PL0301 Datasheet HTML 5Page - Power IC Ltd. PL0301 Datasheet HTML 6Page - Power IC Ltd. PL0301 Datasheet HTML 7Page - Power IC Ltd. PL0301 Datasheet HTML 8Page - Power IC Ltd. PL0301 Datasheet HTML 9Page - Power IC Ltd. PL0301 Datasheet HTML 10Page - Power IC Ltd. PL0301 Datasheet HTML 11Page - Power IC Ltd. PL0301 Datasheet HTML 12Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PL0301
PACKAGE INFORMATION
5-PIN SOT-252 OUTLINE DIMENSION
1
3
54
e1
e
D
b
R
1
R
L1
L
Detail A
Detail A
c
1
1
Dimension
Millimeter
Inch
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.45
0.057
A1
0.15
0.006
A2
0.90
1.15
1.30
0.036
0.045
0.051
b
0.30
0.50
0.011
0.020
c
0.08
0.22
0.003
0.009
D
2.90
0.114
E
2.80
0.110
E1
1.60
0.063
e
0.95
0.037
e1
1.90
0.075
L
0.30
0.45
0.60
0.020
0.018
0.024
L1
0.60
0.024
L2
0.25
0.010
R
0.10
0.004
R1
0.10
0.25
0.004
0.010
θ˚
0
˚
4
˚
8
˚
0
˚
4
˚
8
˚
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
10
θ1˚
5
˚
10
˚
15
˚
5
˚
10
˚
15
˚


Similar Part No. - PL0301

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL0301

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com