Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0301-15VZ Datasheet(PDF) 4 Page - Power IC Ltd.

Part # PL0301-15VZ
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0301-15VZ Datasheet(HTML) 4 Page - Power IC Ltd.

  PL0301-15VZ Datasheet HTML 1Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 2Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 3Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 4Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 5Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 6Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 7Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 8Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage at Pin 1
-0.3 to +6.0
V
VEN
Enable Input Voltage at Pin 2
-0.3 to +6.0
V
PBDB
Continuous Power Dissipation
Internally limited
W
TSTG
Storage Temperature Range
-65 to +150
RθJA
Thermal Resistance, Junction-To-Air
235
℃/W
TJ,MAX
Operating Junction Temperature
-40 to +125
TBLB
Lead Temperature (Soldering, 5sec)
260
PL0301
ESD
ESD Capability, HBM model
2
kV
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage at Pin 1
+2.5 to 5.5
V
VEN
Enable Input Voltage at Pin 2
0 to VIN
V
TB
Operating Ambient Temperature
-40 to +85
AB
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
4


Similar Part No. - PL0301-15VZ

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL0301-15VZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com