Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0301-15VZ Datasheet(PDF) 9 Page - Power IC Ltd.

Part # PL0301-15VZ
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0301-15VZ Datasheet(HTML) 9 Page - Power IC Ltd.

Back Button PL0301-15VZ Datasheet HTML 4Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 5Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 6Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 7Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 8Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 9Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 10Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 11Page - Power IC Ltd. PL0301-15VZ Datasheet HTML 12Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PL0301
APPLICATION INFORMATION
Capacitor Selection and Regulator Stability
Operating Region and Power Dissipation
Use a 1
μF capacitor on the PL0301 input and a 1μF
capacitor on the output. Large input capacitor
values and lower ESRs provide better noise
rejection and line-transient response.
The PL0301 maximum power dissipation depends
on 1) the thermal resistance of the case and circuit
board, 2) the temperature difference between the
die junction and ambient, and 3) the rate of airflow.
The power dissipation across the device is:
Reduce output noise and improve load-transient
response, stability, and power-supply rejection by
using large output capacitors. Note that some
ceramic dielectrics exhibit large capacitance and
ESR variation with temperature. With dielectrics
such as Z5U and Y5V, it may be necessary to use a
1
μF or larger output capacitor to ensure stability at
temperatures below -10
°C. With X7R or X5R
dielectrics, 1
μF is sufficient at all operating
temperatures. A graph of the region of stable Cout
ESR vs. load current is shown in the Typical
Characteristics.
P = Iout ( Vin – Vout )
The maximum power dissipation is:
Pmax = (Tj – Ta) / (
θjc + θca)
Where (Tj – Ta) is the temperature difference
between the PL0301 die junction and the ambient
air;
θjc is the thermal resistance of the package;
and
θca is the thermal resistance through the PC
board, copper traces, and other materials to the
surrounding air.
Use a 0.01
μF bypass capacitor at BYP for low-
output voltage noise. The leakage current going
into the BYP pin should be less than 10nA.
The GND pin of the PL0301 performs the dual
function of providing an electrical connection to
ground and channeling heat away. Connect the
GND pin to ground using a large pad or ground
plane.
Noise, PSRR, and Transient Response
The PL0301 are designed to deliver ultra-low noise
and high PSRR, as well as low dropout and low
quiescent currents in battery-powered systems. The
PL0301 PSRR is 62dB at 100Hz and 60dB at 10kHz
(see
the
Power-Supply
Rejection
Ratio
vs.
Frequency graph in the Typical Characteristic).
Noise Reduction
For the PL0301, an external 0.01
μF bypass
capacitor between BYP and GND with innovative
noise bypass scheme reduces output noises
dramatically, exhibiting 138
μVrms of output voltage
noise with Cbyp = 0.01
μF and Cout = 1μF.
When operating from sources other than batteries,
improved supply-noise rejection and transient
response can be achieved by increasing the values
of the input and output bypass capacitors, and
through passive filtering techniques. The Typical
Characteristics show the PL0301 line and load
transient responses.
Dropout Voltage
A regulator’s minimum dropout voltage determines
the lowest usable supply voltage. In battery-
powered systems, this determines the useful end-
of-life battery voltage. Because the PL0301 use a P-
channel MOSFET pass transistor, their dropout
voltage is a function of drain-to-source on
resistance (RDS (on)) multiplied by the load current
(see the Typical Characteristics).
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
9


Similar Part No. - PL0301-15VZ

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL0301-15VZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com