Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5881ESE Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # US5881ESE
Description  Unipolar Hall Switch - Low Sensitivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US5881ESE Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button US5881ESE Datasheet HTML 3Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 4Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 5Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 6Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 7Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 8Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 9Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 10Page - Melexis Microelectronic Systems US5881ESE Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
US5881
Unipolar Hall Switch – Low Sensitivity
3901005881
Page 7 of 11
Data Sheet
Rev 007
Feb/06
12 Application Information
13 Application Comments
For proper operation, a 100nF bypass capacitor should be placed as close as possible to the device between
the VDD and ground pin.
For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the VDD pin.
When using a resistor, three points are important:
- the resistor has to limit the reverse current to 50mA maximum (VCC / R1 ≤ 50mA)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1.IDD)
- the resistor has to withstand the power dissipated in reverse voltage condition (PD = VCC
2 / R1)
When using a diode, a reverse current cannot flow and the voltage drop is almost constant (≈0.7V).
Therefore, a 100Ω/0.25W resistor for 5V application and a diode for higher supply voltage are recommended.
Both solutions provide the required reverse voltage protection.
When a weak power supply is used or when the device is intended to be used in noisy environment, it is
recommended that figure 13.3 from the Application Information section is used.
The low-pass filter formed by R1 and C1 and the zener diode Z1 bypass the disturbances or voltage spikes
occurring on the device supply voltage VDD. The diode D1 provides additional reverse voltage protection.
12.1 Typical Three-Wire Application Circuit
12.3 Automotive and Harsh, Noisy Environments
Three-Wire Circuit
12.2 Two-Wire Circuit
Note:
With this circuit, precise ON and OFF
currents can be detected using only
two connecting wires.
The resistors RL and Rb can be used
to bias the input current. Refer to the
part specifications for limiting values.
BRP :
IOFF = IR + IDD = VDD/Rb + IDD
BOP :
ION = IOFF + IOUT = IOFF + VDD/RL


Similar Part No. - US5881ESE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5881ESE-AAA-000-RE MELEXIS-US5881ESE-AAA-000-RE Datasheet
1Mb / 11P
   Unipolar Hall Switch Low Sensitivity
NOVEMBER 2020
US5881ESEAAA-000RE MELEXIS-US5881ESEAAA-000RE Datasheet
951Kb / 11P
   Unipolar Hall Switch ??Low Sensitivity
More results

Similar Description - US5881ESE

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
   Unipolar Hall Switch-Low Sensitivity
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
   Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS159_1311 SECELECTRONICS-SS159_1311 Datasheet
207Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1101_1311 SECELECTRONICS-SS1101_1311 Datasheet
284Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS1102 SECELECTRONICS-SS1102_13 Datasheet
276Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com