Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US4881 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # US4881
Description  Bipolar Hall Switch Low Voltage & Very High Sensitivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US4881 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button US4881 Datasheet HTML 3Page - Melexis Microelectronic Systems US4881 Datasheet HTML 4Page - Melexis Microelectronic Systems US4881 Datasheet HTML 5Page - Melexis Microelectronic Systems US4881 Datasheet HTML 6Page - Melexis Microelectronic Systems US4881 Datasheet HTML 7Page - Melexis Microelectronic Systems US4881 Datasheet HTML 8Page - Melexis Microelectronic Systems US4881 Datasheet HTML 9Page - Melexis Microelectronic Systems US4881 Datasheet HTML 10Page - Melexis Microelectronic Systems US4881 Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
US4881
Bipolar Hall Switch
Low Voltage & Very High Sensitivity
3901004881
Page 9 of 11
Data Sheet
Rev 011
Feb/06
16 Package Information
16.1 SO Package (SOT23-3L)
0.25
0.50
0.95 BSC
0.60 REF
0.45+/-0.1
Notes:
1. All dimensions are in millimeters
2. Mold flash, protrusions or gate burrs not
included.
Mold flash, protrusions or gate burrs shall not
exceed 0.10mm per side.
3. Interlead flash or protrusion not included.
Interlead flash or protrusion shall not exceed
0.10mm per side.
4. The package top may be smaller than the
package bottom.
Marking:
Top side : Syww
S = part number (US4881)
y = year
ww = calendar week
1
2
3
1.90 BSC
2.90+/-0.2
GAUGE PLANE
see note 2
B
B
WITH PLATING
BASE METAL
0.40+0.05
-0.15
0.25
0.50
SECTION B-B
~
Hall plate location
0.39 TYP
1.42+/-0.13
0.86+/-0.13


Similar Part No. - US4881

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
US4881 MICRO-ELECTRONICS-US4881 Datasheet
118Kb / 6P
   CMOS Low Voltage High Sensitivity Latch
logo
Melexis Microelectronic...
US4881 MELEXIS-US4881 Datasheet
736Kb / 12P
   Bipolar Hall Switch Low Voltage and Very High Sensitivity
US4881ESEAAA-000RE MELEXIS-US4881ESEAAA-000RE Datasheet
736Kb / 12P
   Bipolar Hall Switch Low Voltage and Very High Sensitivity
US4881EUAAAA-000BU MELEXIS-US4881EUAAAA-000BU Datasheet
736Kb / 12P
   Bipolar Hall Switch Low Voltage and Very High Sensitivity
US4881KSEAAA-000RE MELEXIS-US4881KSEAAA-000RE Datasheet
736Kb / 12P
   Bipolar Hall Switch Low Voltage and Very High Sensitivity
More results

Similar Description - US4881

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US4881 MELEXIS-US4881_12 Datasheet
736Kb / 12P
   Bipolar Hall Switch Low Voltage and Very High Sensitivity
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882 Datasheet
495Kb / 12P
   Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881 Datasheet
496Kb / 12P
   Bipolar Hall Switch - Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
logo
Diodes Incorporated
AH3376 DIODES-AH3376_18 Datasheet
826Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376 Datasheet
840Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3377 DIODES-AH3377_18 Datasheet
827Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com