Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5781EUA Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US5781EUA
Description  Unipolar Hall Switch - Medium Sensitivity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US5781EUA Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US5781EUA Datasheet HTML 1Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 2Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 3Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 4Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 5Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 6Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 7Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 8Page - Melexis Microelectronic Systems US5781EUA Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
US5781
Unipolar Hall Switch – Medium Sensitivity
3901005781
Page 3 of 11
Data Sheet
Rev 013
Nov/06
3 Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density:
1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
TSOT
Thin Small Outline Transistor (TSOT package) – also referred with the Melexis
package code “SE”
ESD
Electro-Static Discharge
BLDC
Brush-Less Direct-Current
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-50 to 150
°C
Maximum Junction Temperature
TJ
165
°C
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “L”
TA
-40 to 150
°C
5 Pin Definitions and Descriptions
SE Pin №
UA Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Table 2: Pin definitions and descriptions
SE package
UA package


Similar Part No. - US5781EUA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5781EUAAAA-000BU MELEXIS-US5781EUAAAA-000BU Datasheet
966Kb / 11P
   Unipolar Hall Switch ??Mediuum sensitivity
More results

Similar Description - US5781EUA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5782 MELEXIS-US5782 Datasheet
364Kb / 10P
   Unipolar Hall Switch - Medium Sensitivity
logo
SEC Electronics Inc.
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
   Unipolar Hall Switch-Low Sensitivity
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
   Unipolar Hall Switch-Low Sensitivity
logo
Melexis Microelectronic...
US5781 MELEXIS-US5781_12 Datasheet
966Kb / 11P
   Unipolar Hall Switch ??Mediuum sensitivity
logo
SEC Electronics Inc.
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS159_1311 SECELECTRONICS-SS159_1311 Datasheet
207Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com