Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1881 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # US1881
Description  Hall Latch - High Sensitivity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US1881 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  US1881 Datasheet HTML 1Page - Melexis Microelectronic Systems US1881 Datasheet HTML 2Page - Melexis Microelectronic Systems US1881 Datasheet HTML 3Page - Melexis Microelectronic Systems US1881 Datasheet HTML 4Page - Melexis Microelectronic Systems US1881 Datasheet HTML 5Page - Melexis Microelectronic Systems US1881 Datasheet HTML 6Page - Melexis Microelectronic Systems US1881 Datasheet HTML 7Page - Melexis Microelectronic Systems US1881 Datasheet HTML 8Page - Melexis Microelectronic Systems US1881 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
US1881
Hall Latch – High Sensitivity
3901001881
Page 4 of 12
Data Sheet
Rev 015
Jan/06
6 General Electrical Specifications
DC Operating Parameters TA = 25
oC, V
DD = 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
24
V
Supply Current
IDD
B < BRP
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP, VOUT = 24V
0.3
10
µA
Output Rise Time
tr
RL = 1kΩ, CL = 20pF
0.25
µs
Output Fall Time
tf
RL = 1kΩ, CL = 20pF
0.25
µs
Maximum Switching Frequency
FSW
10
KHz
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Table 3: Electrical specifications
7 Magnetic Specifications
DC Operating Parameters VDD = 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
0.5
9.5
mT
Release Point
BRP
-9.5
-0.5
mT
Hysteresis
BHYST
E spec., TA = 85°C
7
12
mT
Operating Point
BOP
0.5
9.5
mT
Release Point
BRP
-9.5
-0.5
mT
Hysteresis
BHYST
K spec., TA = 125°C
7
12
mT
Operating Point
BOP
0.5
9.5
mT
Release Point
BRP
-9.5
-0.5
mT
Hysteresis
BHYST
L spec., TA = 150°C
6
12.5
mT
Table 4: Magnetic specifications
Note 1: For typical values, please refer to the performance graphs in section 11
8 Output Behaviour versus Magnetic Pole
DC Operating Parameters TA = -40
oC to 150oC, V
DD = 3.5V to 24V (unless otherwise specified)
Parameter
Test Conditions (SE)
OUT (SE) Test Conditions (UA)
OUT (UA)
South pole
B < BRP
High
B > BOP
Low
North pole
B > BOP
Low
B < BRP
High
Table 5: Output behaviour versus magnetic pole
South pole
OUT = high
North pole
OUT = low (VDSon)
North pole
OUT = high
South pole
OUT = low (VDSon)
SE package
UA package


Similar Part No. - US1881

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US1881 ETC1-US1881 Datasheet
425Kb / 11P
   CMOS MULTI-PURPOSE LATCH
US1881E ETC1-US1881E Datasheet
425Kb / 11P
   CMOS MULTI-PURPOSE LATCH
logo
Melexis Microelectronic...
US1881ESE-AAA-000-RE MELEXIS-US1881ESE-AAA-000-RE Datasheet
1Mb / 12P
   Hall Latch ??High Sensitivity
US1881EUA-AAA-000-BU MELEXIS-US1881EUA-AAA-000-BU Datasheet
1Mb / 12P
   Hall Latch ??High Sensitivity
logo
List of Unclassifed Man...
US1881K ETC1-US1881K Datasheet
425Kb / 11P
   CMOS MULTI-PURPOSE LATCH
More results

Similar Description - US1881

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
   Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com