Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US891EVK Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US891EVK
Description  Two-Coil Fan Driver - High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US891EVK Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US891EVK Datasheet HTML 1Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 2Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 3Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 4Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 5Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 6Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 7Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 8Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 1 of 12
Data Sheet
Rev 002
Sep/07
Features and Benefits
Peak output current up to 1200mA
Low start-up voltage
Low output resistance
High sensitivity integrated Hall Sensor
Power-efficient CMOS and power MOSFETs
Built-in output protection clamping diode
Locked rotor protection and auto-restart
Integrated tachometer (US890) or alarm (US891)
signal protected output
Low cost
2-coil fan driver with FG/RD output in
RoHS Compliant 4-pin VK package
Application Examples
5V/12V DC brushless motor/fan
PC, server, laptop cooling fan
Power supply cooling fan
Large and small fan size
Ordering Information
Part No.
Temperature Code
Package Code
US890
E (-40°C to 85°C)
VK (4-pin TO-92)
US891
E (-40°C to 85°C)
VK (4-pin TO-92)
1 Functional Diagram
2 General Description
The US890/891 is a one-chip solution for driving
two-coil brushless DC motors and fans.
Based on the advanced Melexis CMOS process,
the IC contains a Hall-effect sensor, dynamic
offset correction and powerful output drivers with
1200mA peak output current capability.
Specially designed for driving large fans, the
device is optimized for low start-up voltage.
Frequency Generator or Rotation Detection is
available. The open-drain output makes easier the
connectivity with any external interface such as
hardware monitoring or Super I/O IC.
These features are combined with the Melexis
patented no-VDD design to fit the IC in a small 4-
pin VK package.


Similar Part No. - US891EVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US891 MELEXIS-US891 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
More results

Similar Description - US891EVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890_14 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
   Double Coil High Output Current Fan Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com