Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US891EVK Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # US891EVK
Description  Two-Coil Fan Driver - High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US891EVK Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button US891EVK Datasheet HTML 4Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 5Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 6Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 7Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 8Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 9Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 10Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 11Page - Melexis Microelectronic Systems US891EVK Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
US890 / US891
Two-Coil Fan Driver – High Output Current
3901000890
Page 11 of 12
Data Sheet
Rev 002
Sep/07
17 VK Package Information (4-pin TO-92)
5.22+/-0.10
4.20+/-0.10
0.46
+0.02
- 0.03
0.38+/-0.03
1.27+/-0.03
3.81+/-0.03
0.00
0.20
1.55+/-0.10
0.73+/-0.10
+2 (2X)
(2X)
+2
-1
0.38+/-0.03
0.30+/-0.10
(2X)
+2
(2X)
(2X)
+2
-1
Notes:
1. All dimensions are in millimeters
2. Package dimension exclude molding flash.
Mold flash shall not exceed 0.127mm.
3. To preserve reliability, it is recommended to
have total lead length equal to 2.5mm
minimum, measured from the package line.
4. VK package is a pin though-hole package,
hence adapted for wave soldering process.
A reflow soldering process is not
recommended with VK package as it may
seriously affect device reliability.
Marking:
1st Line : US890 (US891) - Name of the device
2nd Line : XXYWW
XX - lot number (last 2 digits)
Y - assembly year (last digit)
WW - assembly week number
Hall plate location
1.9
Notes:
1. All dimensions are in millimeters
0.52


Similar Part No. - US891EVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US891 MELEXIS-US891 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
More results

Similar Description - US891EVK

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US890 MELEXIS-US890_14 Datasheet
813Kb / 12P
   Two-Coil Fan Driver ??High Output Current
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
logo
Prolific Technology Inc...
PT3907 PROLIFIC-PT3907 Datasheet
391Kb / 1P
   Double Coil High Output Current Fan Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com