Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM3158 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM3158
Description  4.5廓 Dual SPDT Analog Switch in 12-pin TDFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3158 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM3158 Datasheet HTML 1Page - SG Micro Corp SGM3158 Datasheet HTML 2Page - SG Micro Corp SGM3158 Datasheet HTML 3Page - SG Micro Corp SGM3158 Datasheet HTML 4Page - SG Micro Corp SGM3158 Datasheet HTML 5Page - SG Micro Corp SGM3158 Datasheet HTML 6Page - SG Micro Corp SGM3158 Datasheet HTML 7Page - SG Micro Corp SGM3158 Datasheet HTML 8Page - SG Micro Corp SGM3158 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SGM3158
4
ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SGM3158
TDFN-12
- 40°C to +85°C
SGM3158YD
3158
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
V+ , IN to GND.............................................................- 0.3V to +6V
Analog, Digital voltage range(1)................... - 0.3V to (V+ + 0.3V)
Continuous Current NO, NC, or COM..........................±200mA
Peak Current NO, NC, or COM......................................±300mA
Operating Temperature Range..............................- 40°C to +85°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).....................................+260°C
ESD(HBM)...............................................................................2000V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
(1)
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum
current ratings.


Similar Part No. - SGM3158

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3158 SGMICRO-SGM3158_15 Datasheet
348Kb / 11P
   Analog Switch in 12-Pin TDFN
More results

Similar Description - SGM3158

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3158 SGMICRO-SGM3158_15 Datasheet
348Kb / 11P
   Analog Switch in 12-Pin TDFN
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157 Datasheet
417Kb / 10P
   4.5廓 Low Voltage SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com