Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2311-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2311-EVALZ
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2311-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  SSM2311-EVALZ Datasheet HTML 1Page - Analog Devices SSM2311-EVALZ Datasheet HTML 2Page - Analog Devices SSM2311-EVALZ Datasheet HTML 3Page - Analog Devices SSM2311-EVALZ Datasheet HTML 4Page - Analog Devices SSM2311-EVALZ Datasheet HTML 5Page - Analog Devices SSM2311-EVALZ Datasheet HTML 6Page - Analog Devices SSM2311-EVALZ Datasheet HTML 7Page - Analog Devices SSM2311-EVALZ Datasheet HTML 8Page - Analog Devices SSM2311-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SSM2311
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VDD = 5.0 V, TA = 25oC, RL = 8 Ω, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power
PO
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.2
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.615
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.53
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.77
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
2
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.4
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
2.3
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.6
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.8
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3.3
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
2.5
W
Efficiency
η
POUT = 1.4 W, 8 Ω, VDD = 5.0 V
89
%
Total Harmonic Distortion + Noise
THD + N
PO = 3 W into 3 Ω, f = 1 kHz, VDD = 5.0 V
0.5
%
PO = 1 W into 8 Ω, f = 1 kHz, VDD = 5.0 V
0.2
%
Input Common-Mode Voltage Range
VCM
1.0
VDD − 1.0
V
Common-Mode Rejection Ratio
CMRRGSM
VCM = 2.5 V ± 100 mV at 217 Hz input referred
60
dB
Average Switching Frequency
fSW
800
kHz
Differential Output Offset Voltage
VOOS
G = 18 dB
2.0
12.0
mV
POWER SUPPLY
Supply Voltage Range
VDD
Guaranteed from PSRR test
2.5
5.0
V
Power Supply Rejection Ratio
PSRR
VDD = 2.5 V to 5.0 V, dc input floating/ground
70
85
dB
PSRRGSM
VRIPPLE = 100 mV at 217 Hz, inputs ac GND,
CIN = 0.1 μF
60
dB
Supply Current
ISY
VIN = 0 V, no load, VDD = 5.0 V
5.5
mA
VIN = 0 V, no load, VDD = 3.6 V
4.5
mA
VIN = 0 V, no load, VDD = 2.5 V
4.0
mA
Shutdown Current
ISD
SD = GND
20
nA
GAIN CONTROL
Closed-Loop Gain
Av
18
dB
Differential Input Impedance
ZIN
SD = VDD
37.5
SHUTDOWN CONTROL
Input Voltage High
VIH
ISY ≥ 1 mA
1.2
V
Input Voltage Low
VIL
ISY ≤ 300 nA
0.5
V
Turn-On Time
tWU
SD rising edge from GND to VDD
30
ms
Turn-Off Time
tSD
SD falling edge from VDD to GND
5
μs
Output Impedance
ZOUT
SD = GND
>100
NOISE PERFORMANCE
Output Voltage Noise
en
VDD = 3.6 V, f = 20 Hz to 20 kHz, inputs are
ac grounded, AV = 18 dB, A weighting
35
μV
Signal-to-Noise Ratio
SNR
POUT = 1.4 W, RL = 8 Ω
98
dB


Similar Part No. - SSM2311-EVALZ

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM2310GN SSC-SSM2310GN Datasheet
505Kb / 5P
   N-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM2310GN VBSEMI-SSM2310GN Datasheet
517Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM2312GN SSC-SSM2312GN Datasheet
316Kb / 5P
   N-channel Enhancement-mode Power MOSFET
SSM2313GN SSC-SSM2313GN Datasheet
319Kb / 5P
   P-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM2311-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com