|
| SGM4727 |
|
||
|
SGMICRO |
|
6 page
SGM4727 6 TEST CIRCUITS V1 10mA NO or NC COM VNO or VNC RON = V1/10mA Test Circuit 1. On Resistance VOUT NO or NC COM RL 300 Ω V+ GND CL 35pF IN 0.1µF V+ VOUT VIN 50% 90% 50% 90% tON tOFF VNO or VNC Test Circuit 2. Switching Times VOUT NO COM VNO or VNC RL 300 Ω V+ GND CL 35pF IN 0.1µF V+ VOUT VIN 50% 90% tD NC VNO or VNC 0 Test Circuit 3. Break-Before-Make Time Delay, tD |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SGM4717 | 4.5Ω 300MHz Bandwidth Dual SPDT Analog Switch | 1 2 3 4 5 More | Shengbang Microelectronics Co, Ltd |
| SGM4717EP | 4.5Ω 300MHz Bandwidth Dual SPDT Analog Switch | 1 2 3 4 5 More | Shengbang Microelectronics Co, Ltd |
| SGM4717YD | 4.5Ω 300MHz Bandwidth Dual SPDT Analog Switch | 1 2 3 4 5 More | Shengbang Microelectronics Co, Ltd |
| NLAS4717 | 4.5 ohm High Bandwidth Dual SPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| NLAS4717EP | 4.5 ohm High Bandwidth Dual SPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| DG2531 | 0.4-ohm Low-Voltage Dual SPDT Analog Switch | 1 2 3 4 5 More | Vishay Siliconix |
| NLAS4685 | Ultra-Low Resistance Dual SPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| NLAS4684 | Ultra-Low Resistance Dual SPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |