Part Name
         Description
SGM4727

 9Ω, 500MHz Bandwidth, Dual, SPDT Analog Switch ( 10 Page)


SGMICRO
100% 
Zoom Out Zoom In
 
 3 page
background image
SGM4727
3
ELECTRICAL CHARACTERISTICS
(V+ = +4.5V to +5.5V, VIH = +2.0 V, VIL = +0.6V, TA= - 40°C to +85°C, Typical values are at V+ = 5.0V, TA= + 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN TPY
MAX UNITS
ANALOG SWITCH
Analog Signal Range
VNO, VNC, VCOM
- 40°C to +85°C
0
V+
V
+25°C
9
14
Ω
On-Resistance
RON
V+ = 4.5V, VNO or VNC = 3.5V,
ICOM = -10 mA, Test Circuit 1
- 40°C to +85°C
16
Ω
+25°C
0.3
0.6
Ω
On-Resistance Match Between
Channels
∆RON
V+ = 4.5V, VNO or VNC = 3.5V,
ICOM = -10 mA, Test Circuit 1
- 40°C to +85°C
0.8
Ω
+25°C
2
2.6
Ω
On-Resistance Flatness
RFLAT(ON)
V+ = 4.5V, VNO or VNC = 1.0V, 2.0V,
3.5V, ICOM = -10 mA, Test Circuit 1
- 40°C to +85°C
3
Ω
Source OFF Leakage current
INC(OFF), INO(OFF)
V+ = 5.5V, VNO or VNC = 1.0V, 4.5V,
VCOM = 1.0V, 4.5V,
- 40°C to +85°C
1
µA
Channel ON Leakage current
INC(ON), INO(ON),
ICOM(ON)
V+ = 5.5V, VCOM = 1.0V, 4.5V,
VNO or VNC = 1.0V, 4.5V, or floating
- 40°C to +85°C
1
µA
DIGITAL INPUTS
Input High Voltage
VINH
- 40°C to +85°C
1.5
V
Input Low Voltage
VINL
- 40°C to +85°C
0.6
V
Input Leakage Current
IIN
V+ = +5.5V, VIN = 0 or 5.5V
- 40°C to +85°C
1
µA
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO or VNC = 3.0V,
RL = 300Ω, CL = 35pF, Test Circuit 2;
VIH = 1.5V, VIL = 0V
+25°C
26
ns
Turn-Off Time
tOFF
VNO or VNC = 3.0V,
RL = 300Ω, CL = 35pF, Test Circuit 2;
VIH = 1.5V, VIL = 0V
+25°C
20
ns
Break-Before-Make Time
Delay
tD
VNO1 or VNC1 = VNO2 or VNC2 = 3V,
RL = 300Ω, CL = 35pF, Test Circuit 3
+25°C
4
ns
Skew
tSKEW
RS = 39Ω, CL = 50pF, Test Circuit 4
+25°C
5.8
ns
f = 10MHz
+25°C
-66
dB
Off Isolation
OISO
RL = 50Ω, CL = 5pF,
Signal = 0dBm,
Test Circuit 5
f = 1MHz
+25°C
-86
dB
f = 10MHz
+25°C
-105
dB
Channel-to-Channel Crosstalk
XTALK
RL = 50Ω, CL = 5pF,
Test Circuit 6
f = 1MHz
+25°C
-103
dB
Bandwidth –3 dB
BW
Signal = 0dBm, RL = 50Ω, CL = 5pF,
Test Circuit 7
+25°C
500
MHz
Source OFF Capacitance
CNC(OFF), CNO(OFF) f = 1MHz
+25°C
5.5
pF
Channel ON Capacitance
CNC(ON), CNO(ON),
CCOM(ON)
f = 1MHz
+25°C
9
pF
POWER REQUIREMENTS
Power Supply Range
V+
- 40°C to +85°C
1.8
5.5
V
Power Supply Current
I+
V+ = +5.5V, VIN = 0V or V+
- 40°C to +85°C
5
µA
Specifications subject to change without notice.
1  2  3  4  5  6  7  8  9  10 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGM47174.5Ω 300MHz Bandwidth Dual SPDT Analog Switch 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
SGM4717EP4.5Ω 300MHz Bandwidth Dual SPDT Analog Switch 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
SGM4717YD4.5Ω 300MHz Bandwidth Dual SPDT Analog Switch 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
NLAS47174.5 ohm High Bandwidth Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAS4717EP4.5 ohm High Bandwidth Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
DG25310.4-ohm Low-Voltage Dual SPDT Analog Switch 1 2 3 4 5 MoreVishay Siliconix
NLAS4685Ultra-Low Resistance Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAS4684Ultra-Low Resistance Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl