Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4782 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM4782
Description  0.5廓, High Speed, Low Voltage Analog Switch / Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4782 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM4782 Datasheet HTML 1Page - SG Micro Corp SGM4782 Datasheet HTML 2Page - SG Micro Corp SGM4782 Datasheet HTML 3Page - SG Micro Corp SGM4782 Datasheet HTML 4Page - SG Micro Corp SGM4782 Datasheet HTML 5Page - SG Micro Corp SGM4782 Datasheet HTML 6Page - SG Micro Corp SGM4782 Datasheet HTML 7Page - SG Micro Corp SGM4782 Datasheet HTML 8Page - SG Micro Corp SGM4782 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SGM4782
ELECTRICAL CHARACTERISTICS
(V+ = +4.2 V, GND = 0 V, VIH = +1.6 V, VIL = +0.6 V, TA = - 40°C to +85°C. Typical values are at V+ = +4.2 V, TA = + 25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN TPY
MAX UNITS
ANALOG SWITCH
Analog Signal Range
VX_, VY_,
VX, VY
- 40°C to +85°C
0
V+
V
+25°C
0.5
0.7
On-Resistance
RON
V+ = 4.2 V, IX_ , IY_ = -100 mA,
VX, VY = 1 V, Test Circuit 1
- 40°C to +85°C
0.8
Ω
+25°C
0.05
0.2
On-Resistance Match
Between Channels
∆RON
V+ = 4.2 V, IX_ , IY_ = -100 mA,
VX, VY = 1 V, Test Circuit 1
- 40°C to +85°C
0.24
Ω
+25°C
0.1
0.2
On-Resistance Flatness
RFLAT(ON)
V+ = 4.2 V, IX_ , IY_ = -100 mA,
VX, VY = 1 V, Test Circuit 1
- 40°C to +85°C
0.24
Ω
Source OFF Leakage current
IX_(OFF),
IY_(OFF)
V+ = 4.2 V, VX_ , VY_ = 3.3 V , 0.3 V,
VX, VY = 0.3 V, 3.3 V
- 40°C to +85°C
1
µA
Channel ON Leakage current
IX_(ON), IY_(ON),
IX(ON) , IY(ON)
V+ = 4.2 V, VX , VY = 0.3 V, 3.3 V,
VX_, VY_ = 0.3 V, 3.3 V or floating
- 40°C to +85°C
1
µA
DIGITAL INPUTS
Input High Voltage
VINH
- 40°C to +85°C
1.6
V
Input Low Voltage
VINL
- 40°C to +85°C
0.5
V
Input Leakage Current
IIN_
VA, VB = VENABLE = 0 V or 4.2 V
- 40°C to +85°C
1
µA
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
+25°C
20
Turn-Off Time
tOFF
VIN = 1.5 V to 0.5 V, VX or VY = 2.1 V
RL= 50 Ω, CL = 35 pF, Test Circuit 2
+25°C
20
ns
Address Transition Time
tTRANS
VIN = 4.2 V to 0 V, VX or VY = 2.1 V,
RL = 50 Ω, CL = 35 pF, Test Circuit 3
+25°C
30
ns
Break-Before-Make Time
Delay
tD
VIN = 4.2 V to 0 V, VX or VY = 2.1 V,
RL = 50 Ω, CL = 35 pF, Test Circuit 4
+25°C
20
ns
Charge Injection
Q
CL = 1 nF, Test Circuit 5
+25°C
-18
pC
100KHz
+25°C
-75
Off Isolation
OISO
VIN = 0 dBm, VBIAS = 2.1 V,
RL = 50 Ω, CL = 35 pF,
Test Circuit 6
1MHz
+25°C
-55
dB
100KHz
+25°C
-106
Channel-to-Channel
Crosstalk
XTALK
VIN = 0 dBm, VBIAS = 2.1 V,
RL = 50 Ω, CL = 35 pF,
Test Circuit 6
1MHz
+25°C
-108
dB
Bandwidth –3 dB
BW
VIN = 0 dBm, VBIAS = 2.1 V, RL = 50 Ω,
Test Circuit 6
+25°C
30
MHz
Channel ON Capacitance
CX_(ON), CY_(ON),
CX(ON) , CY(ON)
+25°C
146
pF
POWER REQUIREMENTS
Power Supply Range
V+
- 40°C to +85°C
1.8
4.2
V
Power Supply Current
I+
V+ = 4.2 V, VA, VB, VENABLE = 4.2 V or 0 V
- 40°C to +85°C
1
µA
Specifications subject to change without notice.


Similar Part No. - SGM4782

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4782 SGMICRO-SGM4782_15 Datasheet
337Kb / 11P
   Analog Switch/Multiplexer
More results

Similar Description - SGM4782

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782 Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
logo
Integrated Device Techn...
IDTAS3699A IDT-IDTAS3699A Datasheet
256Kb / 13P
   0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS4624 IDT-IDTAS4624 Datasheet
268Kb / 15P
   0.5廓 LOW VOLTAGE, SINGLE SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
SGM5018 SGMICRO-SGM5018 Datasheet
488Kb / 10P
   4.5廓, High Speed, Low Voltage Quad, SPDT Analog Switch
SGM84782 SGMICRO-SGM84782_15 Datasheet
335Kb / 11P
   Low Voltage Analog Switch/Multiplexer
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com