Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB71101-315-FSK-A Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # EVB71101-315-FSK-A
Description  315/433MHz Receiver Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71101-315-FSK-A Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button EVB71101-315-FSK-A Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 9Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 10Page - Melexis Microelectronic Systems EVB71101-315-FSK-A Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
EVB71101
315/433MHz Receiver
Evaluation Board Description
39012 71101 01
Page 7 of 14
EVB Description
Rev. 011
June/07
2.1.2
Board Component Values for FSK
Part
Size
Value
@ 315 MHz
Value
@ 433.92 MHz
Tolerance
Description
C1
0805
27 pF
27 pF
±5%
crystal series capacitor
C3
0603
1 nF
1 nF
±10%
loop filter capacitor
C6
0603
6.8 pF
4.7 pF
±5%
LNA output tank capacitor
C7
0603
2.7 pF
2.2 pF
±5%
MIX1 input matching capacitor
C9
0603
33 nF
33 nF
±10%
IFA feedback capacitor
C10
0603
1 nF
1 nF
±10%
IFA feedback capacitor
C11
0603
1 nF
1 nF
±10%
IFA feedback capacitor
C12
0805
10 pF
10 pF
±5%
DEMOD phase-shift capacitor
C15
0805
100 pF
100 pF
±5%
demodulator output low-pass capacitor,
this value for data rates < 20 kbps NRZ,
for higher data rates decrease the value
C16
0805
1.5 nF
1.5 nF
±10%
RSSI output low-pass capacitor
C17
0805
10 nF
10 nF
±10%
data slicer capacitor,
this value for data rates > 0.8 kbps NRZ,
for lower data rates increase the value
CB1 to CB5
CB7 to CB8
0603
330 pF
330 pF
±10%
de-coupling capacitor
CB6
0805
33 nF
33 nF
±10%
de-coupling capacitor
C_RO
0603
330 pF
330 pF
±5%
optional capacitor,
to couple external RO signal
R1
0805
10 k
Ω
10 k
Ω
±5%
loop filter resistor
R2
0603
330
Ω
330
Ω
±5%
optional CERFIL output matching resistor
R4
0805
330 k
Ω
330 k
Ω
±5%
data slicer resistor
R5
0805
220 k
Ω
220 k
Ω
±5%
loading resistor
RL1
0805
470
Ω
470
Ω
±5%
MIX1 bias resistor
RL2
0805
470
Ω
470
Ω
±5%
MIX1 bias resistor
L1
0603
0
Ω
68 nH
±5%
L2
0603
33 nH
82 nH
±5%
SAW filter matching inductor
from Würth-Elektronik (WE-KI series),
or equivalent part
L3
0603
22 nH
15 nH
±5%
LNA output tank inductor from Würth-Elek-
tronik (WE-KI series), or equivalent part
SMD
6x3.5
fundamental-mode crystal from
Telcona/Horizon (HEX22 series)
or equivalent part
XTAL
HC49
SMD
20.35625 MHz
@ RF = 315 MHz
26.45125 MHz
@ RF = 433.92 MHz
±25ppm cal.
±30ppm temp.
fundamental-mode crystal, Cload = 10 pF
to 15 pF, C0, max = 7 pF, R1, max = 50 Ωl
SAFCC433MBL0X00
(f0 = 433.92 MHz)
B3dB = 840 kHz
SAWFIL
SMD
3x3
SAFDC315MSM0T00
(f0 = 315.00 MHz)
B3dB = 5MHz
low-loss SAW filter from Murata,
or equivalent part
CERFIL
SMD
3.45x3.1
SFECF10M7HA00
B3dB = 180 kHz
ceramic filter from Murata,
or equivalent part
CERDIS
SMD
4.5x2
CDSCB10M7GA135
ceramic discriminator from Murata,
or equivalent part


Similar Part No. - EVB71101-315-FSK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-ASK-A MELEXIS-EVB71102-315-ASK-A Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-ASK-C MELEXIS-EVB71102-315-ASK-C Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-FM-A MELEXIS-EVB71102-315-FM-A Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-FM-C MELEXIS-EVB71102-315-FM-C Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71101-315-FSK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com