Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB71101-433-FSK-A Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # EVB71101-433-FSK-A
Description  315/433MHz Receiver Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71101-433-FSK-A Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  EVB71101-433-FSK-A Datasheet HTML 1Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 2Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71101-433-FSK-A Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EVB71101
315/433MHz Receiver
Evaluation Board Description
39012 71101 01
Page 1 of 14
EVB Description
Rev. 011
June/07
Features
! Single-conversion superhet architecture for low external component count
! FSK for digital data and FM reception for analog signal transmission
! FSK/FM demodulation with phase-coincidence demodulator
! Low current consumption in active mode and very low standby current
! Switchable LNA gain for improved dynamic range
! RSSI allows signal strength indication and ASK detection
Ordering Information
Part No.
EVB71101-433-FSK-C
EVB71101-315-FSK-C
EVB71101-433-ASK-C
EVB71101-315-ASK-C
Application Examples
! General digital data transmission
! Tire Pressure Monitoring Systems (TPMS)
! Remote Keyless Entry (RKE)
! Wireless access control
! Alarm and security systems
! Garage door openers
! Remote Controls
" Home and building automation
! Low-power telemetry systems
Evaluation Board
General Description
The TH71101 FSK/FM/ASK single-conversion superheterodyne receiver IC is designed for applications in
the European 433 MHz industrial-scientific-medical (ISM) band, according to the EN 300 220
telecommunications standard. It can also be used for any other system with carrier frequencies ranging from
300 MHz to 450 MHz (e.g. for applications to FCC part 15 and ARIB STD-T67).


Similar Part No. - EVB71101-433-FSK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-ASK-A MELEXIS-EVB71102-315-ASK-A Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-ASK-C MELEXIS-EVB71102-315-ASK-C Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-FM-A MELEXIS-EVB71102-315-FM-A Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB71102-315-FM-C MELEXIS-EVB71102-315-FM-C Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71101-433-FSK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71111 MELEXIS-EVB71111 Datasheet
620Kb / 14P
   868/915MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122 Datasheet
921Kb / 32P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com